Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CPQ090G Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 30CPQ090G
Description  Schottky Rectifier, 2 x 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPQ090G Datasheet(HTML) 5 Page - Vishay Siliconix

  30CPQ090G Datasheet HTML 1Page - Vishay Siliconix 30CPQ090G Datasheet HTML 2Page - Vishay Siliconix 30CPQ090G Datasheet HTML 3Page - Vishay Siliconix 30CPQ090G Datasheet HTML 4Page - Vishay Siliconix 30CPQ090G Datasheet HTML 5Page - Vishay Siliconix 30CPQ090G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93303
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
5
30CPQ080G/30CPQ090G/30CPQ100G
Schottky Rectifier, 2 x 15 A
Vishay High Power Products
ORDERING INFORMATION TABLE
7
1
-
Current rating
2
-
Circuit configuration:
C = Common cathode
3
-
Package:
P = TO-247
4
-
Schottky “Q” series
5
-
Voltage code
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 25 pieces
6
-
G = Schottky generation
080 = 80 V
090 = 90 V
100 = 100 V
Device code
5
13
24
67
30
C
P
Q
100
G
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95223
Part marking information
http://www.vishay.com/doc?95226


Similar Part No. - 30CPQ090G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPQ090G IRF-30CPQ090G Datasheet
167Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CPQ090G-N3 VISHAY-30CPQ090G-N3 Datasheet
182Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 02-Dec-11
logo
International Rectifier
30CPQ090GPBF IRF-30CPQ090GPBF Datasheet
167Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CPQ090GPBF VISHAY-30CPQ090GPBF Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ090GPBF VISHAY-30CPQ090GPBF Datasheet
182Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 02-Dec-11
More results

Similar Description - 30CPQ090G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com