Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV3313PM Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV3313PM
Description  Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV3313PM Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV3313PM Datasheet HTML 6Page - Sanyo Semicon Device LV3313PM Datasheet HTML 7Page - Sanyo Semicon Device LV3313PM Datasheet HTML 8Page - Sanyo Semicon Device LV3313PM Datasheet HTML 9Page - Sanyo Semicon Device LV3313PM Datasheet HTML 10Page - Sanyo Semicon Device LV3313PM Datasheet HTML 11Page - Sanyo Semicon Device LV3313PM Datasheet HTML 12Page - Sanyo Semicon Device LV3313PM Datasheet HTML 13Page - Sanyo Semicon Device LV3313PM Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LV3313PM
No.A1257-10/18
Volume control (-44dB to -
∞)
D13
D14
D15
D16
D17
D18
D19
D20
Lch
D21
D22
D23
D24
D25
D26
D27
D28
Rch
0
0
1
1
0
1
0
0
-44dB
1
0
1
1
0
1
0
0
-45dB
0
1
1
1
0
1
0
0
-46dB
1
1
1
1
0
1
0
0
-47dB
0
0
0
0
1
1
0
0
-48dB
1
0
0
0
1
1
0
0
-49dB
0
1
0
0
1
1
0
0
-50dB
1
1
0
0
1
1
0
0
-51dB
0
0
1
0
1
1
0
0
-52dB
1
0
1
0
1
1
0
0
-53dB
0
1
1
0
1
1
0
0
-54dB
1
1
1
0
1
1
0
0
-55dB
0
0
0
1
1
1
0
0
-56dB
1
0
0
1
1
1
0
0
-57dB
0
1
0
1
1
1
0
0
-58dB
1
1
0
1
1
1
0
0
-59dB
0
0
1
1
1
1
0
0
-60dB
1
0
1
1
1
1
0
0
-61dB
0
1
1
1
1
1
0
0
-62dB
1
1
1
1
1
1
0
0
-63dB
0
0
0
0
0
0
1
0
-64dB
1
0
0
0
0
0
1
0
-65dB
0
1
0
0
0
0
1
0
-66dB
1
1
0
0
0
0
1
0
-67dB
0
0
1
0
0
0
1
0
-68dB
1
0
1
0
0
0
1
0
-69dB
0
1
1
0
0
0
1
0
-70dB
1
1
1
0
0
0
1
0
-71dB
0
0
0
1
0
0
1
0
-72dB
1
0
0
1
0
0
1
0
-73dB
0
1
0
1
0
0
1
0
-74dB
1
1
0
1
0
0
1
0
-75dB
0
0
1
1
0
0
1
0
-76dB
1
0
1
1
0
0
1
0
-77dB
0
1
1
1
0
0
1
0
-78dB
1
1
1
1
0
0
1
0
-79dB
0
0
0
0
1
0
1
0
-


Similar Part No. - LV3313PM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV3313PM ONSEMI-LV3313PM Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results

Similar Description - LV3313PM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com