Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV2283VB Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV2283VB
Description  Bi-CMOS IC FM Transmitter IC with Stereo Modulation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV2283VB Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV2283VB Datasheet HTML 1Page - Sanyo Semicon Device LV2283VB Datasheet HTML 2Page - Sanyo Semicon Device LV2283VB Datasheet HTML 3Page - Sanyo Semicon Device LV2283VB Datasheet HTML 4Page - Sanyo Semicon Device LV2283VB Datasheet HTML 5Page - Sanyo Semicon Device LV2283VB Datasheet HTML 6Page - Sanyo Semicon Device LV2283VB Datasheet HTML 7Page - Sanyo Semicon Device LV2283VB Datasheet HTML 8Page - Sanyo Semicon Device LV2283VB Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LV2283VB
No.A0974-5/10
Pin Description
Pin No.
Pin Name
DC Voltage
(V)
Description
Equivalent Circuit
1
L-INPUT
0
Left channel input. If audio source DC
voltage is not 0V, AC coupling
capacitance is required. Pre-emphasis
capacitance should be required between
pin 1 (24) and 2 (23).
2
L-CAP
0
See Pin 1
3
GND
0
4
MPX+B
2.8
LDO regulator output for audio frequency
and MPX blocks. External decoupling
capacitance is required.
5
GND
0
6
VCC
3.3
7
COMPOSITE
OUT
0.05
Stereo modulated output.
8
CP OUT
-
Charge pump current output.
9
GND
0
Continued on next page.
1
5
2
6
4
1k
50k
10k
24
23
6
4
5
12k
2k
4
6
7
5
30
µA
30
µA
6
8
11
9


Similar Part No. - LV2283VB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2282VA SANYO-LV2282VA Datasheet
119Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2285VB SANYO-LV2285VB Datasheet
165Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2285VB SANYO-LV2285VB_11 Datasheet
165Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
More results

Similar Description - LV2283VB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2282VA SANYO-LV2282VA Datasheet
119Kb / 10P
   Bi-CMOS IC FM Transmitter IC with Stereo Modulation
LV2285VB SANYO-LV2285VB_11 Datasheet
165Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
LV2285VB SANYO-LV2285VB Datasheet
137Kb / 11P
   FM transmitter IC with Stereo Modulation, Auto Sleep Function
logo
Rohm
BH1415FV-E2 ROHM-BH1415FV-E2 Datasheet
206Kb / 6P
   FM stereo transmitter IC for audio systems
BH1415FV ROHM-BH1415FV Datasheet
200Kb / 6P
   FM stereo transmitter IC for audio systems
BH1418KN ROHM-BH1418KN Datasheet
292Kb / 6P
   FM stereo transmitter IC for audio systems
BH1418FV ROHM-BH1418FV Datasheet
205Kb / 6P
   FM stereo transmitter IC for audio systems
BH1417FV ROHM-BH1417FV Datasheet
199Kb / 6P
   FM stereo transmitter IC for audio systems
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com