Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30BQ100G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30BQ100G
Description  Schottky Rectifier, 3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30BQ100G Datasheet(HTML) 1 Page - Vishay Siliconix

  30BQ100G Datasheet HTML 1Page - Vishay Siliconix 30BQ100G Datasheet HTML 2Page - Vishay Siliconix 30BQ100G Datasheet HTML 3Page - Vishay Siliconix 30BQ100G Datasheet HTML 4Page - Vishay Siliconix 30BQ100G Datasheet HTML 5Page - Vishay Siliconix 30BQ100G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94506
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 24-Apr-08
1
Schottky Rectifier, 3 A
30BQ100GPbF
Vishay High Power Products
FEATURES
• Small foot print, surface mountable
• Very low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 30BQ100GPbF surface mount Schottky rectifier has
been designed for applications requiring low forward drop
and small foot prints on PC boards. Typical applications are
in disk drives, switching power supplies, converters,
freewheeling diodes, battery charging, and reverse battery
protection.
PRODUCT SUMMARY
IF(AV)
3.0 A
VR
100 V
Cathode
Anode
SMC
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.0
A
VRRM
100
V
IFSM
tp = 5 µs sine
800
A
VF
3.0 Apk, TJ = 125 °C
0.62
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
30BQ100GPbF
UNITS
Maximum DC reverse voltage
VR
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TL = 148 °C, rectangular waveform
3.0
A
50 % duty cycle at TL = 138 °C, rectangular waveform
4.0
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
800
10 ms sine or 6 ms rect. pulse
70
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1.0 A, L = 6 mH
3.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.5
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 30BQ100G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30BQ100G IRF-30BQ100G Datasheet
117Kb / 6P
   SCHOTTKY RECTIFIER
30BQ100GPBF IRF-30BQ100GPBF Datasheet
117Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30BQ100GPBF VISHAY-30BQ100GPBF Datasheet
114Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30BQ100GPBF VISHAY-30BQ100GPBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
logo
International Rectifier
30BQ100GTR IRF-30BQ100GTR Datasheet
117Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - 30BQ100G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 3 A
Revision: 16-Apr-08
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
15MQ040NPBF VISHAY-15MQ040NPBF Datasheet
99Kb / 5P
   Schottky Rectifier, 3 A
Revision: 11-Jun-08
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com