Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL209516821E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL209516821E3
Description  Aluminum Capacitors Power Long Life 4 Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209516821E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL209516821E3 Datasheet HTML 1Page - Vishay Siliconix MAL209516821E3 Datasheet HTML 2Page - Vishay Siliconix MAL209516821E3 Datasheet HTML 3Page - Vishay Siliconix MAL209516821E3 Datasheet HTML 4Page - Vishay Siliconix MAL209516821E3 Datasheet HTML 5Page - Vishay Siliconix MAL209516821E3 Datasheet HTML 6Page - Vishay Siliconix MAL209516821E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
095 PLL-4TSI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life 4 Terminal Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28393
4
Revision: 08-Aug-08
400
470
35 x 50
3.2
380
215
126
16471E3
66471E3
470
40 x 40
3.0
380
222
132
26471E3
76471E3
560
35 x 60
3.7
452
180
105
16561E3
66561E3
560
45 x 40
3.2
452
192
116
36561E3
-
680
35 x 70
4.1
548
149
87
16681E3
66681E3
680
40 x 60
4.3
548
151
89
26681E3
76681E3
680
45 x 50
4.3
548
156
93
36681E3
-
820
35 x 80
4.7
660
125
73
16821E3
66821E3
820
40 x 60
4.6
660
129
77
26821E3
76821E3
1000
35 x 100
5.9
804
102
60
16102E3
66102E3
1000
40 x 70
5.2
804
107
64
26102E3
76102E3
1000
45 x 60
5.4
804
110
67
36102E3
-
1500
40 x 100
7.2
1204
72
43
26152E3
76152E3
1500
45 x 80
6.7
1204
75
47
36152E3
-
1800
45 x 100
7.9
1444
63
38
36182E3
-
420
470
35 x 50
3.1
399
232
141
14471E3
64471E3
470
40 x 40
3.0
399
238
147
24471E3
74471E3
560
35 x 60
3.6
474
194
119
14561E3
64561E3
680
35 x 70
4.1
575
161
98
14681E3
64681E3
680
40 x 60
4.3
575
163
100
24681E3
74681E3
680
45 x 50
4.3
575
167
104
34681E3
-
820
35 x 80
4.6
693
134
82
14821E3
64821E3
820
40 x 70
4.8
693
136
84
24821E3
74821E3
820
45 x 50
4.6
693
143
91
34821E3
-
1000
35 x 100
5.8
844
110
67
14102E3
64102E3
1000
40 x 80
5.4
844
112
69
24102E3
74102E3
1000
45 x 60
5.4
844
117
75
34102E3
-
1500
40 x 100
7.2
1264
77
48
24152E3
74152E3
1500
45 x 80
6.7
1264
80
51
34152E3
-
1800
45 x 100
7.8
1516
67
43
34182E3
-
450
390
35 x 50
2.9
355
246
142
17391E3
67391E3
390
40 x 40
2.8
355
253
148
27391E3
77391E3
470
35 x 60
3.4
427
204
118
17471E3
67471E3
470
40 x 50
3.5
427
208
121
27471E3
77471E3
470
45 x 40
3.0
427
217
129
37471E3
-
560
35 x 70
3.8
508
172
99
17561E3
67561E3
560
40 x 60
4.0
508
174
101
27561E3
77561E3
680
35 x 80
4.3
616
143
82
17681E3
67681E3
680
40 x 60
4.3
616
147
87
27681E3
77681E3
680
45 x 50
4.3
616
153
91
37681E3
-
820
40 x 70
4.8
742
123
72
27821E3
77821E3
820
45 x 60
5.0
742
126
76
37821E3
-
1000
40 x 100
6.0
904
99
57
27102E3
77102E3
1000
45 x 70
5.6
904
104
63
37102E3
-
1200
40 x 100
6.4
1084
85
50
27122E3
77122E3
1500
45 x 100
7.4
1354
71
42
37152E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL(5)
5min
(µA)
ESR max.
100 Hz
(m
Ω)
Z max.
10 kHz
(m
Ω)
ORDERING CODE
MAL2095.......
4T-SI
PW


Similar Part No. - MAL209516821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209516821E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
096PLL-4TSI VISHAY-096PLL-4TSI Datasheet
106Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 08-Aug-08
096PLL4TSI VISHAY-096PLL4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com