Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25FU406B Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LE25FU406B
Description  CMOS IC 4M-bit (512K횞8) Serial Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FU406B Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LE25FU406B Datasheet HTML 7Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 8Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 9Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 10Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 11Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 12Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 13Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 14Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LE25FU406B
No.A1066-11/22
3. Write Enable
Before performing any of the operations listed below, the device must be placed in the write enable state. Operation is
the same as for setting status register WEN to "1", and the state is enabled by inputting the write enable command.
"Figure 8 Write Enable" shows the timing waveforms when the write enable operation is performed. The write enable
command consists only of the first bus cycle, and it is initiated by inputting (06h).
• Small sector erase, sector erase, chip erase
• Page program
• Status register write
4. Write Disable
The write disable command sets status register WEN to "0" to prohibit unintentional writing. "Figure 9 Write Disable"
shows the timing waveforms. The write disable command consists only of the first bus cycle, and it is initiated by
inputting (04h). The write disable state (WEN "0") is exited by setting WEN to "1" using the write enable command
(06h).
Figure 8 Write Enable
Figure 9 Write Disable
5. Power-down
The power-down command sets all the commands, with the exception of the silicon ID read command and the
command to exit from power-down, to the acceptance prohibited state (power-down). "Figure 10 Power-down" shows
the timing waveforms. The power-down command consists only of the first bus cycle, and it is initiated by inputting
(B9h). However, a power-down command issued during an internal write operation will be ignored. The power-down
state is exited using the power-down exit command (power-down is exited also when one bus cycle or more of the
silicon ID read command (ABh) has been input). "Figure 11 Exiting from Power-down" shows the timing waveforms of
the power-down exit command.
Figure 10 Power-down
Figure 11 Exiting from Power-down
SCK
SI
High Impedance
SO
CS
06h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
SCK
SI
High Impedance
SO
CS
04h
012
3
4
5
6
7
Mode3
Mode0
8CLK
SCK
SI
High Impedance
SO
CS
B9h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
SCK
SI
High Impedance
SO
CS
ABh
012
3
4
5
6
7
Mode3
Mode0
8CLK
tPRB
tDP
Power down
mode
Power down
mode


Similar Part No. - LE25FU406B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
More results

Similar Description - LE25FU406B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
   4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
Macronix International
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com