Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1201 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # ENA1201
Description  CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1201 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button ENA1201 Datasheet HTML 4Page - Sanyo Semicon Device ENA1201 Datasheet HTML 5Page - Sanyo Semicon Device ENA1201 Datasheet HTML 6Page - Sanyo Semicon Device ENA1201 Datasheet HTML 7Page - Sanyo Semicon Device ENA1201 Datasheet HTML 8Page - Sanyo Semicon Device ENA1201 Datasheet HTML 9Page - Sanyo Semicon Device ENA1201 Datasheet HTML 10Page - Sanyo Semicon Device ENA1201 Datasheet HTML 11Page - Sanyo Semicon Device ENA1201 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LE24LB642M
No.1201-10/12
Application Notes
1) Software reset function
Software reset (start condition + 9 dummy clock cycles + start condition), shown in the figure below, is executed in
order to avoid erroneous operation after power-on and to reset while the command input sequence. During the
dummy clock input period, the SDA bus must be opened (set to high by a pull-up resistor). Since it is possible for
the ACK output and read data to be output from the EEPROM during the dummy clock period, forcibly entering H
will result in an overcurrent flow.
Note that this software reset function does not work during the internal write cycle.
2) Pull-up resistor of SDA pin
Due to the demands of the I
2C bus protocol function, the SDA pin must be connected to a pull-up resistor (with a
resistance from several k
Ω to several tens of kΩ) without fail. The appropriate value must be selected for this
resistance (RPU) on the basis of the VIL and IIL of the microcontroller and other devices controlling this product as
well as the VOL–IOL characteristics of the product. Generally, when the resistance is too high, the operating
frequency will be restricted; conversely, when it is too low, the operating current consumption will increase.
RPU maximum resistance
The maximum resistance must be set in such a way that the bus potential, which is determined by the sum total (IL)
of the input leaks of the devices connected to the SDA bus and by RPU, can completely satisfy the input high level
(VIH min) of the microcontroller and EEPROM. However, a resistance value that satisfies SDA rise time tR and fall
time tF must be set.
RPU maximum value = (VDD - VIH)/IL
Example: When VDD=3.0V and IL= 2μA
RPU maximum value = (3.0V − 3.0V × 0.8)/2μA = 300kΩ
RPU minimum value
A resistance corresponding to the low-level output
voltage (VOL max) of SANYO’s EEPROM must be set.
RPU minimum value = (VDD − VOL)/IOL
Example: When VDD=3.0V, VOL = 0.4V and IOL = 1mA
RPU minimum value = (3.0V − 0.4)/1mA = 2.6kΩ
Recommended RPU setting
RPU is set to strike a good balance between the operating frequency requirements and power consumption. If it is
assumed that the SDA load capacitance is 50pF and the SDA output data strobe time is 500ns, RPU will be about
RPU = 500ns/50pF = 10kΩ.
Master
device
EEPROM
SDA
CBUS
RPU
IL
IL
Start condition
Dummy clock cycle
× 9
Start condition
SCL
SDA
1
2
8
9


Similar Part No. - ENA1201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1200 SANYO-ENA1200 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1202A SANYO-ENA1202A Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1204 SANYO-ENA1204 Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
ENA1204A ONSEMI-ENA1204A Datasheet
656Kb / 2P
   25.0A Single-Phase Bridge Rectifier
April, 2014
logo
Sanyo Semicon Device
ENA1205 SANYO-ENA1205 Datasheet
215Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
More results

Similar Description - ENA1201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24CB642 SANYO-LE24CB642 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
   Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M_10 Datasheet
129Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24L162 SANYO-LE24L162 Datasheet
194Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24064ASAS0G RENESAS-R1EX24064ASAS0G Datasheet
400Kb / 18P
   Two-wire serial interface 64k EEPROM
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
LE24L082 SANYO-LE24L082 Datasheet
195Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (8k EEPROM)
LE24C043 SANYO-LE24C043 Datasheet
219Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com