Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75857E Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC75857E
Description  CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75857E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75857E Datasheet HTML 7Page - Sanyo Semicon Device LC75857E Datasheet HTML 8Page - Sanyo Semicon Device LC75857E Datasheet HTML 9Page - Sanyo Semicon Device LC75857E Datasheet HTML 10Page - Sanyo Semicon Device LC75857E Datasheet HTML 11Page - Sanyo Semicon Device LC75857E Datasheet HTML 12Page - Sanyo Semicon Device LC75857E Datasheet HTML 13Page - Sanyo Semicon Device LC75857E Datasheet HTML 14Page - Sanyo Semicon Device LC75857E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
No. 7980-11/39
LC75857E, LC75857W
(2) When CL is stopped at the high level
Note: B0 to B3, A0 to A3 ...... CCB address
DD ................................ Direction data
CCB address............ 42H
D1 to D164 .............. Display data
SP ............................ Normal mode/sleep mode control data
KC0 to KC2 .............. Key scan output state setting data
KSC.......................... Key scan operation enabled/disabled state setting data
K0, K1 ...................... Key scan output/segment output selection data
P0 to P2 .................. Segment output port/general-purpose output port selection data
SC ............................ Segment on/off control data
DR............................ 1/2 bias or 1/3 bias drive selection data
DT ............................ 1/3 duty or 1/4 duty drive selection data
FC0 to FC2 .............. Common and segment output waveform frame frequency setting data
OC............................ RC oscillator mode/external clock mode switching selection data
DD
DO
DI
CL
CE
DD
DD
DD
D1
1
1
0
0
0
0
0
0
B0 B1 B2 B3 A0 A1 A2 A3
0
0
DR
SC
P2
P1
P0
K1
K0
KC1
KC0
DT
D42
D41
D40
D43
KC2 KSC
0C
D44 0
SP
FC0 FC1 FC2
B0 B1 B2 B3 A0 A1 A2 A3
D45
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D84
1
B0 B1 B2 B3 A0 A1 A2 A3
D85
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
D124
0
B0 B1 B2 B3 A0 A1 A2 A3
D125
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
D164
1
Display data
Control data
Fixed data
Display data
Display data
Display data
Fixed data
Fixed data


Similar Part No. - LC75857E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75857E ONSEMI-LC75857E Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857E-E ONSEMI-LC75857E-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75857ES-E ONSEMI-LC75857ES-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results

Similar Description - LC75857E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com