Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1189 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1189
Description  CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1189 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1189 Datasheet HTML 1Page - Sanyo Semicon Device ENA1189 Datasheet HTML 2Page - Sanyo Semicon Device ENA1189 Datasheet HTML 3Page - Sanyo Semicon Device ENA1189 Datasheet HTML 4Page - Sanyo Semicon Device ENA1189 Datasheet HTML 5Page - Sanyo Semicon Device ENA1189 Datasheet HTML 6Page - Sanyo Semicon Device ENA1189 Datasheet HTML 7Page - Sanyo Semicon Device ENA1189 Datasheet HTML 8Page - Sanyo Semicon Device ENA1189 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
52108HKIM 20080402-S00005 No.A1189-1/27
Ver.1.01
LC871HC8A
LC871H96A
Overview
The LC871HC8A/96A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time of
83.3ns, integrates on a single chip a number of hardware features such as 128K/96K-byte ROM, 16384-byte RAM, a
sophisticated 16-bit timer/counter (may be divided into 8-bit timers), a 16-bit timer (may be divided into 8-bit timers or
PWMs), four 8-bit timers with a prescaler, a base timer serving as a time-of-day clock, 3 channels of synchronous SIO
interface with automatic data transfer capabilities, an asynchronous/synchronous SIO interface, a UART interface (full
duplex), a full-speed USB interface (host control function), an 8-bit 12-channel AD converter, 2 channels of 12-bit PWM,
a system clock frequency divider, an infrared remote control receiver circuit, and a 40-source 10-vector interrupt feature.
Features
ROM
• 131072 × 8 bits (LC871HC8A)
• 98304 × 8 bits (LC871H96A)
RAM
• 16384 × 9 bits
Bus Cycle Time
• 83.3ns (When CF=12MHz)
Note: The bus cycle time here refers to the ROM read speed.
Minimum Instruction Cycle Time (tCYC)
• 250ns (When CF=12MHz)
Ordering number : ENA1189
CMOS IC
128K/96K-byte ROM and 16384-byte RAM integrated
8-bit 1-chip Microcontroller
with USB-host controller
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - ENA1189

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1180 SANYO-ENA1180 Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
ENA1181 SANYO-ENA1181 Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
ENA1182 SANYO-ENA1182 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ENA1182A SANYO-ENA1182A Datasheet
314Kb / 7P
   General-Purpose Switching Device Applications
ENA1184 SANYO-ENA1184 Datasheet
67Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - ENA1189

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com