Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95PFR80 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 95PFR80
Description  Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95PFR80 Datasheet(HTML) 5 Page - Vishay Siliconix

  95PFR80 Datasheet HTML 1Page - Vishay Siliconix 95PFR80 Datasheet HTML 2Page - Vishay Siliconix 95PFR80 Datasheet HTML 3Page - Vishay Siliconix 95PFR80 Datasheet HTML 4Page - Vishay Siliconix 95PFR80 Datasheet HTML 5Page - Vishay Siliconix 95PFR80 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93532
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 01-Oct-08
5
95PF(R)...(W) Series
Standard Recovery Diodes
Generation 2 DO-5 (Stud Version), 95 A
Vishay High Power Products
ORDERING INFORMATION TABLE
Device code
5
13
24
95
PF
R
120
W
1
-
95 = Standard device
97 = Isolated lead on standard terminal
with silicone sleeve available for 1200 V only
(red = Reverse polarity)
(blue = Normal polarity)
2
-
PF = Plastic package
3
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
-
None = Standard terminal
(see dimensions for 95PF(R)... - link at the end of datasheet)
W = Wire terminal
(see dimensions for 95PF(R)...W - link at the end of datasheet)
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95345


Similar Part No. - 95PFR80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PFR80 VISHAY-95PFR80 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PFR80W VISHAY-95PFR80W Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
More results

Similar Description - 95PFR80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
95PF140 VISHAY-95PF140 Datasheet
101Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com