Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95PFR140 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 95PFR140
Description  Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95PFR140 Datasheet(HTML) 2 Page - Vishay Siliconix

  95PFR140 Datasheet HTML 1Page - Vishay Siliconix 95PFR140 Datasheet HTML 2Page - Vishay Siliconix 95PFR140 Datasheet HTML 3Page - Vishay Siliconix 95PFR140 Datasheet HTML 4Page - Vishay Siliconix 95PFR140 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93533
2
Revision: 01-Oct-08
95PF(R)...(W) High Voltage Series
Vishay High Power Products
Standard Recovery Diodes
Generation 2 DO-5 (Stud Version), 95 A
Notes
(1) As general recommendation we suggest to tight on hexagon and not on nut
(2) Torque must be appliable only to hexagon and not to plastic structure
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
95
A
128
°C
Maximum RMS forward current
IF(RMS)
149
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = 150 °C
1700
A
t = 8.3 ms
1800
t = 10 ms
100 % VRRM
reapplied
1450
t = 8.3 ms
1500
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
14 500
A2s
t = 8.3 ms
13 500
t = 10 ms
100 % VRRM
reapplied
10 500
t = 8.3 ms
9400
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
145 000
A2
√s
Low level value of threshold voltage
VF(TO)
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.73
V
Low level value of forward
slope resistance
rf
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
2.4
m
Ω
Maximum forward voltage drop
VFM
Ipk = 267 A, TJ = 25 °C, tp = 400 µs rectangular wave
1.40
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.27
K/W
Thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.25
Allowable mounting torque
Tighting on nut (1)
Not lubricated threads
3.4 + 0 - 10 %
(30)
N · m
(lbf · in)
Tighting on hexagon (2)
Lubricated threads
2.3 + 0 - 10 %
(20)
Approximate weight
15.8
g
0.56
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AB (DO-5)


Similar Part No. - 95PFR140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PFR140 VISHAY-95PFR140 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PFR140W VISHAY-95PFR140W Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
More results

Similar Description - 95PFR140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
95PF40 VISHAY-95PF40 Datasheet
131Kb / 6P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com