Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85HFR120 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 85HFR120
Description  Standard Recovery Diodes, (Stud Version), 85 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

85HFR120 Datasheet(HTML) 7 Page - Vishay Siliconix

  85HFR120 Datasheet HTML 1Page - Vishay Siliconix 85HFR120 Datasheet HTML 2Page - Vishay Siliconix 85HFR120 Datasheet HTML 3Page - Vishay Siliconix 85HFR120 Datasheet HTML 4Page - Vishay Siliconix 85HFR120 Datasheet HTML 5Page - Vishay Siliconix 85HFR120 Datasheet HTML 6Page - Vishay Siliconix 85HFR120 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 85HFR120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
85HFR120 NAINA-85HFR120 Datasheet
78Kb / 1P
   SILICON POWER DIODE
85HFR120 NAINA-85HFR120 Datasheet
119Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
85HFR120M NAINA-85HFR120M Datasheet
78Kb / 1P
   SILICON POWER DIODE
logo
Vishay Siliconix
85HFR120M VISHAY-85HFR120M Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
85HFR120M NJSEMI-85HFR120M Datasheet
116Kb / 4P
   STANDARD RECOVERY DIODES
More results

Similar Description - 85HFR120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 07-Dec-16
85HF VISHAY-85HF Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
86HFR80 VISHAY-86HFR80 Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-85HF40M8 VISHAY-VS-85HF40M8 Datasheet
143Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 12-Feb-14
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com