Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1335 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA1335
Description  CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1335 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA1335 Datasheet HTML 1Page - Sanyo Semicon Device ENA1335 Datasheet HTML 2Page - Sanyo Semicon Device ENA1335 Datasheet HTML 3Page - Sanyo Semicon Device ENA1335 Datasheet HTML 4Page - Sanyo Semicon Device ENA1335 Datasheet HTML 5Page - Sanyo Semicon Device ENA1335 Datasheet HTML 6Page - Sanyo Semicon Device ENA1335 Datasheet HTML 7Page - Sanyo Semicon Device ENA1335 Datasheet HTML 8Page - Sanyo Semicon Device ENA1335 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC87F2708A
No.A1335-2/21
Minimum Bus Cycle Time
Note1
• 100ns (10MHz)
VDD=2.7 to 5.5V
Note2
Minimum Instruction Cycle Time
• 300ns (10MHz)
VDD=2.7 to 5.5V
Note2
Note1: The bus cycle time here refers to the ROM read speed.
Note2: Use this product in a voltage range of 3.0 to 5.5V because the minimum release voltage (PORRL) of the
power-on reset (POR) circuit is 2.87V
±0.12V.
Ports
• I/O ports
Ports whose I/O direction can be designated in 1-bit units 11 (P10 to P16, P30 to P33)
• Reset pins
1 (RES)
• Power pins
2 (VSS1, VDD1)
Timers
• Timer 0: 16-bit timer/counter with a capture register.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
+ 8-bit counter (with an 8-bit capture register)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
• Timer 1: 16-bit timer/counter that can provide with PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/
counter with an 8-bit prescaler (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
× 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle output also possible from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(Lower-order 8 bits may be used as PWM)
Serial Interface
• SIO7: 8-bit synchronous serial interface
1) LSB first/MSB first mode selectable
2) Built-in 8-bit baudrate generator (maximum transfer clock cycle=4/3 tCYC)
High-Speed 12-bit PWM
• System clock/high-speed RC oscillation clock (20MHz or 40MHz) operation selectable
• Duty/period programmable
• Continuous PWM output/specific count PWM output (automatic stop) selectable
High-speed Pulse/Period Counter
• HCT1: High-speed RC pulse width/period counter 1
1) System clock/high-speed RC oscillation clock (20MHz or 40MHz) operation selectable
2) H-level width/L-level width/period measurement modes selectable
3) Input triggering noise filter
• HCT2: High-speed pulse width/period counter 2
1) System clock/high-speed RC oscillation clock (20MHz or 40MHz) operation selectable
2) Can measure both L-level width and period simultaneously.
3) Input triggering noise filter
4) Input trigger selectable (from 3 signals, i.e., P11/HCT2IN, P31/HCT2IN, and analog comparator output)
AD Converter: 12 bits
× 7 channels
• 12-/8-bits AD converter resolution selectable
Analog Comparator
• Sends output to the P32/CMPO port (polarity selectable).
• Edge detection function (shared with INTC and also allows the selection of the noise filter function)


Similar Part No. - ENA1335

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1335B ONSEMI-ENA1335B Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
ENA1335B ONSEMI-ENA1335B Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

Similar Description - ENA1335

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com