Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1335 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # ENA1335
Description  CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1335 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button ENA1335 Datasheet HTML 6Page - Sanyo Semicon Device ENA1335 Datasheet HTML 7Page - Sanyo Semicon Device ENA1335 Datasheet HTML 8Page - Sanyo Semicon Device ENA1335 Datasheet HTML 9Page - Sanyo Semicon Device ENA1335 Datasheet HTML 10Page - Sanyo Semicon Device ENA1335 Datasheet HTML 11Page - Sanyo Semicon Device ENA1335 Datasheet HTML 12Page - Sanyo Semicon Device ENA1335 Datasheet HTML 13Page - Sanyo Semicon Device ENA1335 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC87F2708A
No.A1335-10/21
Allowable Operating Range at Ta = -40
°C to +85°C, VSS1 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Operating
supply voltage
(Note 2-1)
VDD
VDD1
0.272
μs ≤ tCYC ≤ 100μs
2.7
5.5
Memory
sustaining
supply voltage
VHD
VDD1
RAM and register contents sustained
in HOLD mode
2.0
5.5
VIH(1)
• Port 1
• Port 3
Output disabled
2.7 to 5.5
0.3VDD
+0.7
VDD
High level
input voltage
VIH(2)
RES
2.7 to 5.5
0.75VDD
VDD
4.0 to 5.5
VSS
0.1VDD
+0.4
VIL(1)
• Port 1
• Port 3
Output disabled
2.7 to 4.0
VSS
0.2VDD
Low level
input voltage
VIL(2)
RES
2.7 to 5.5
VSS
0.25VDD
V
Instruction
cycle time
(Note 2-2)
tCYC
2.7 to 5.5
0.272
100
μs
FmHRC(1)
• High-speed RC oscillation
• 40MHz selected as option
• Ta=-20°C to +85°C
4.5 to 5.5
38
40
42
FmHRC(2)
4.5 to 5.5
37.6
40
42.4
FmHRC(3)
3.5 to 5.5
36.8
40
43.2
FmHRC(4)
• High-speed RC oscillation
• 40MHz selected as option
• Ta=-40°C to +85°C
2.7 to 5.5
32
40
43.2
FmHRC(5)
• High-speed RC oscillation
• 20MHz selected as option
• Ta=-20°C to +85°C
3.0 to 5.5
19
20
21
FmHRC(6)
• High-speed RC oscillation
• 20MHz selected as option
• Ta=-40°C to +85°C
2.7 to 5.5
18.7
20
21.3
FmRC
Medium-speed RC oscillation
2.7 to 5.5
0.5
1.0
2.0
MHz
Oscillation
frequency
range
FmSLRC
Low-speed RC oscillation
2.7 to 5.5
15
30
60
kHz
Oscillation
stabilization
time
tmsHRC
• When high-speed RC oscillation
state is switched from stopped to
enabled.
• See Fig. 2.
2.7 to 5.5
100
μs
Note 2-1: Use this product in a voltage range of 3.0 to 5.5V because the minimum release voltage (PORRL) of the
power-on reset (POR) circuit is 2.87V
±0.12V.
Note 2-2: Relationship between tCYC and oscillation frequency is as follows:
• When system clock source is set to medium-speed RC oscillation
3/FmRC at a division ratio of 1/1, 6/FmRC at a division ratio of 1/2, 12/FmRC a division ratio of 1/4, and so
forth
• When system clock source is set to high-speed RC oscillation (40MHz selected by optional configuration)
12/FmHRC at a division ratio of 1/1, 24/FmHRC at a division ratio of 1/2, 48/FmHRC a division ratio of 1/4,
and so forth
• When system clock source is set to high-speed RC oscillation (20MHz selected by optional configuration)
6/FmHRC at a division ratio of 1/1, 12/FmHRC at a division ratio of 1/2, 24/FmHRC a division ratio of 1/4,
and so forth


Similar Part No. - ENA1335

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1335B ONSEMI-ENA1335B Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
ENA1335B ONSEMI-ENA1335B Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

Similar Description - ENA1335

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com