Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80D223P010MB2D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 80D223P010MB2D
Description  Aluminum Capacitors 85 째C, Snap-In
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80D223P010MB2D Datasheet(HTML) 1 Page - Vishay Siliconix

  80D223P010MB2D Datasheet HTML 1Page - Vishay Siliconix 80D223P010MB2D Datasheet HTML 2Page - Vishay Siliconix 80D223P010MB2D Datasheet HTML 3Page - Vishay Siliconix 80D223P010MB2D Datasheet HTML 4Page - Vishay Siliconix 80D223P010MB2D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
80D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42060
218
Revision: 27-Aug-08
FEATURES
• High ripple capability
• Molded cover available in 2 and 3 terminal
design with standoffs
Fig.1 Component Outlines
Available
Pb-free
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
ØD x L in mm
0.866" x 0.984" (22.0 x 25.0)
to 1.38" x 3.15" (35.0 x 80.0)
Operating temperature
- 40 °C to + 85 °C
Rated capacitance
range, CR
82 µF to 56 000 µF
Tolerance on CR
- 10 %, + 30 %
Rated voltage range, UR
6.3 WVDC to 250 WVDC
Termination
Snap mount or 2 and 3
terminal straight leads
Life validation test
at 85°C
2000 h:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.5 x initial
specified limit.
Δ DCL ≤ initial
specified limit
Shelf life at 85°C
500 h:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.3 x initial
specified limit.
Δ DCL ≤ 2 x initial
specified limit
DC leakage current
I = K
K = 4.0 at + 25 °C
I in µA, C in µF, V in Volts
cv
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 55 °C
+ 65 °C
+ 75 °C
+ 85 °C
2.0
1.7
1.4
1.0
FREQUENCY (Hz)
WVDC
50 TO 60
300 TO 1000
1000 AND
UP
0 - 49
50 - 199
200 - 250
0.85
0.83
0.80
1.10
1.15
1.30
1.15
1.20
1.40
ESL (TYPICAL VALUES AT 1 MHz TO 10 MHz)
Nominal
Diameter
0.866
(22.0)
0.984
(25.0)
1.18
(30.0)
1.38
(35.0)
Typical
ESL (nH)
6.0
8.0
10.0
12.0
DIMENSIONS in inches (millimeters)
CASE
CODE
DIAMETER
LENGTH
CASE
CODE
DIAMETER
LENGTH
D + 0.039 - 0 (+1.0 - 0)
L ± 0.079 (2.0)
D + 0.039 - 0 (+ 1.0 - 0)
L ± 0.079 (2.0)
HA
0.87 (22.0)
1.00 (25.0)
KC
1.18 (30.0)
1.38 (35.0)
HB
0.87 (22.0)
1.18 (30.0)
KD
1.18 (30.0)
1.57 (40.0)
HD
0.87 (22.0)
1.57 (40.0)
KE
1.18 (30.0)
2.00 (50.0)
JA
1.00 (25.0)
1.00 (25.0)
MB
1.38 (35.0)
1.18 (30.0)
JB
1.00 (25.0)
1.18 (30.0)
MC
1.38 (35.0)
1.38 (35.0)
JC
1.00 (25.0)
1.38 (35.0)
MD
1.38 (35.0)
1.57 (40.0)
JD
1.00 (25.0)
1.57 (40.0)
ME
1.38 (35.0)
2.00 (50.0)
JE
1.00 (25.0)
2.00 (50.0)
MF
1.38 (35.0)
2.50 (63.0)
KA
1.18 (30.0)
1.00 (25.0)
MG
1.38 (35.0)
3.18 (80.0)
KB
1.18 (30.0)
1.18 (30.0)


Similar Part No. - 80D223P010MB2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80D223P016KE2DE3 VISHAY-80D223P016KE2DE3 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
More results

Similar Description - 80D223P010MB2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com