Part Name
         Description
LA6220PM

 Monolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier ( 6 Page)


SANYO
100% 
Zoom Out Zoom In
   
 3 page
background image
LA6220PM
No.A0669-3/6
Pin Assignment
Pin Description
Pin No.
Symbol
function
Equivalent circuit
3
2
5
6
VIN+1
VIN-1
VIN+2
VIN-2
Noninverting inputs 1
Inverting inputs 1
Noninverting inputs 2
Inverting inputs 2
1
7
VOUT1
VOUT2
Outputs 1
Outputs 2
VIN+
VIN-
VOUT
1
VOUT1
2
VIN-1
3
VIN+1
4
GND
8
VCC
7
VOUT2
6
VIN-2
5
VIN+2
+
-+ -
Top view



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220MMonolithic Linear IC Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6358NMMMonolithic Linear IC High-Performance Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42101Monolithic Linear IC Audio Output for TV application 10W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
AAT3663_081A Linear Li-Ion Battery Charger for Single and Dual Cell Applications 1 2 3 4 5 MoreAdvanced Analogic Technologies
LA42102Monolithic Linear IC Audio Output for TV application 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
CA3102_05Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz 1 2 3 4 5 MoreIntersil Corporation
LA42105Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
BA3131FS_13 Dual operational amplifier with switch for car audio systems 1 2 3 4 5 MoreRohm
LA42201Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6220MMonolithic Linear IC Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6358NMMMonolithic Linear IC High-Performance Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42031Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LM7332Dual Rail-to-Rail Input/Output 30V Wide Voltage Range High Output Operational Amplifier Coming SoonNational Semiconductor
CA158_01Dual 1MHz Operational Amplifiers for Commercial Industrial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
TS912_06Rail-to-Rail CMOS Dual Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
LA42032Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
TS912_07Rail-to-rail CMOS dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
LA42101Monolithic Linear IC Audio Output for TV application 10W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl