Part Name
         Description
LA6220PM

 Monolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier ( 6 Page)


SANYO
100% 
Zoom Out Zoom In
   
 2 page
background image
LA6220PM
No.A0669-2/6
Electrical Characteristics
at Ta
= 25°C, VCC = 5V, Otherwise unless specified.
Ratings
Parameter
Symbol
Conditions
Test
circuit
min
typ
max
Unit
Input offset voltage
VIO
1
±2
±7mV
Input offset current
IIO
IIN (+)/IIN (-)
2
±5
±50
nA
Input bias current
IB
IIN (+)/IIN (-)
3, 4
45
250
nA
Common-mode input voltage range
VICM
5
0
VCC
V
Common-mode rejection ration
CMR
5
80
dB
Large amplitude voltage
VG
6
100
V/mV
VOH1A
RL = 20kΩ : Ta = 25°C
12
4.9
V
VOH1B
RL = 20kΩ : Ta = -40 to 85°C
12
4.85
V
Output voltage range
VOL1
RL = 20kΩ
12
0.1
V
VOH2
RL = 2kΩ
12
4.75
V
Output voltage range
VOL2
RL = 2kΩ
12
0.25
V
Supply voltage rejection ratio
SVR
11
80
dB
Channel separation
CS
f = 1kHz to 20kHz
7
80
dB
Current drain
ICC
8
1.2
2.5
mA
Output current (source)
IO source
VIN+ = 1V, VIN- = 0V
9
6
10
mA
Output current (sink)
IO sink
VIN+ = 0V, VIN- = 1V
10
3
5
mA
Slew rate
SR
RL = 2kΩ
0.35
V/
µs
Gain-bandwidth product
Ft
RL = 2kΩ
1
MHz
Phase margin
ΦM
RL = 2kΩ
80
Deg
Package Dimensions
unit : mm (typ)
3032D
SANYO : MFP8(225mil)
14
85
5.0
0.15
0.35
1.27
(0.65)
-40
-20
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
0.42
Pd max -- Ta
Ambient temperature, Ta --
°C
Mounted on a specified board:
114.3
×76.1×1.6mm3, glass epoxy



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220MMonolithic Linear IC Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6358NMMMonolithic Linear IC High-Performance Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42101Monolithic Linear IC Audio Output for TV application 10W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
AAT3663_081A Linear Li-Ion Battery Charger for Single and Dual Cell Applications 1 2 3 4 5 MoreAdvanced Analogic Technologies
LA42102Monolithic Linear IC Audio Output for TV application 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
CA3102_05Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz 1 2 3 4 5 MoreIntersil Corporation
LA42105Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
BA3131FS_13 Dual operational amplifier with switch for car audio systems 1 2 3 4 5 MoreRohm
LA42201Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6220MMonolithic Linear IC Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6358NMMMonolithic Linear IC High-Performance Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA42031Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LM7332Dual Rail-to-Rail Input/Output 30V Wide Voltage Range High Output Operational Amplifier Coming SoonNational Semiconductor
CA158_01Dual 1MHz Operational Amplifiers for Commercial Industrial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
TS912_06Rail-to-Rail CMOS Dual Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
LA42032Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
TS912_07Rail-to-rail CMOS dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
LA42101Monolithic Linear IC Audio Output for TV application 10W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl