Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80SQ040TR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 80SQ040TR
Description  Schottky Rectifier, 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80SQ040TR Datasheet(HTML) 5 Page - Vishay Siliconix

  80SQ040TR Datasheet HTML 1Page - Vishay Siliconix 80SQ040TR Datasheet HTML 2Page - Vishay Siliconix 80SQ040TR Datasheet HTML 3Page - Vishay Siliconix 80SQ040TR Datasheet HTML 4Page - Vishay Siliconix 80SQ040TR Datasheet HTML 5Page - Vishay Siliconix 80SQ040TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93398
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 07-Nov-08
5
80SQ... Series
Schottky Rectifier, 8 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
80 = Current x 10
2
-
S = DO-204AR
3
-
Q = Schottky Q.. series
4
-
Voltage rating
5
-
TR = Tape and reel package (1500 pcs)
None = Box package (300 pcs)
030 = 30 V
035 = 35 V
040 = 40 V
045 = 45 V
Device code
5
13
24
80
S
Q
045
TR
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95243
Part marking information
http://www.vishay.com/doc?95325
Packaging information
http://www.vishay.com/doc?95332


Similar Part No. - 80SQ040TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SQ040 IRF-80SQ040 Datasheet
125Kb / 5P
   SCHOTTKY RECTIFIER
80SQ040 IRF-80SQ040 Datasheet
172Kb / 4P
   8 AMP SCHOTTKY POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
80SQ040 NJSEMI-80SQ040 Datasheet
142Kb / 1P
   Schottky Rectifiers
80SQ040 NJSEMI-80SQ040 Datasheet
59Kb / 1P
   Schottky Rectifiers
80SQ040 NJSEMI-80SQ040 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 80SQ040TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ060PBF VISHAY-8TQ060PBF_12 Datasheet
177Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
8TQ080GPBF VISHAY-8TQ080GPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 8 A
Revision: 11-Oct-11
8TQ100GSPBF VISHAY-8TQ100GSPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
8TQ100S VISHAY-8TQ100S Datasheet
107Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ100GPBF VISHAY-8TQ100GPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 17-Apr-08
8TQ080SPBF VISHAY-8TQ080SPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 8 A
Revision: 15-Mar-10
8TQ100 VISHAY-8TQ100 Datasheet
121Kb / 6P
   Schottky Rectifier, 8 A
Revision: 19-Aug-08
8TQ100GS VISHAY-8TQ100GS Datasheet
108Kb / 6P
   Schottky Rectifier, 8 A
Revision: 18-Jun-08
8TQ080GSPBF VISHAY-8TQ080GSPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 8 A
Revision: 23-Mar-10
VS-8TQPBF VISHAY-VS-8TQPBF Datasheet
178Kb / 7P
   Schottky Rectifier, 8 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com