Part Name
         Description
TS5A22362_1

 0.65-Ω DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY ( 28 Page)


TI
100% 
Zoom Out Zoom In
 6 page
background image
SCDS261B – MARCH 2008 – REVISED AUGUST 2008.................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
44
80
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 300 Ω,
Full
80
2.7 V
25°C
2.5 V
22
70
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 300 Ω,
Full
70
2.7 V
Break-before-
See Figure 21 for TS5A22362
tBBM
25°C
2.5 V
1
7
ns
make time
See Figure 22 for TS5A22364
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
150
pC
RGEN = 0,
NC, NO
OFF capacitance
CNC(OFF),
VNC or VNO = V+ or GND,
25°C
2.5 V
70
pF
(TS5A22362
CNO(OFF)
only)
NC, NO, COM
VCOM = V+ or GND,
CCOM(ON)
25°C
2.5 V
370
pF
ON capacitance
Switch ON, f = 10 MHz
Digital input
CI
VI = V+ or GND
25°C
2.5 V
2.6
pF
capacitance
Bandwidth
BW
RL = 50 Ω, –3 dB
25°C
2.5 V
17
MHz
f = 100 kHz,
OFF isolation
OISO
RL = 50 Ω
25°C
2.5 V
–66
dB
f = 100 kHz,
Crosstalk
XTALK
RL = 50 Ω
25°C
2.5 V
–75
dB
f = 20 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25°C
2.5 V
0.01
%
distortion
CL = 15 pF,
Supply
25°C
0.2
1.1
Positive
I+
VI = V+ or GND
2.7 V
µA
supply current
Full
1.3
Positive
I+
VI = V+ – 5.5 V
Full
2.7 V
3.3
µA
supply current
6
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A22362 TS5A22364



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS5A223620.65-Ω DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY 1 2 3 4 5 MoreTexas Instruments
ISL54400Low Voltage Dual SPDT USB/Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreIntersil Corporation
ISL54207Low Voltage Dual SPDT USB/CVBS/ Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreIntersil Corporation
ISL54208Low Voltage Dual SPDT USB/CVBS/ Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreIntersil Corporation
MAX4850Dual SPDT Analog Switches with Over-Rail Signal Handling 1 2 3 4 5 MoreMaxim Integrated Products
PI3A212SSmall Plastic Package Dual SPDT Audio Clickless Analog Switch with Shunt Switches 1 2 3 4 5 MorePericom Semiconductor Corporation
FSA2269Low-Voltage Dual-SPDT 0.4ohm Analog Switch with Negative Swing Audio Capability 1 2 Fairchild Semiconductor
TS3A24157_10.65-Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreTexas Instruments
PI3A3160C3.0V SOTiny™ 0.8Ω Dual SPDT Analog Switch with -1.0V to 4.2V Operating Range 1 2 3 4 5 MorePericom Semiconductor Corporation
ISL84541_0309Low-Voltage Single Supply Dual SPST SPDT Analog Switches 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl