Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79913DDCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79913DDCT
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79913DDCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79913DDCT Datasheet HTML 6Page - Texas Instruments TPS79913DDCT Datasheet HTML 7Page - Texas Instruments TPS79913DDCT Datasheet HTML 8Page - Texas Instruments TPS79913DDCT Datasheet HTML 9Page - Texas Instruments TPS79913DDCT Datasheet HTML 10Page - Texas Instruments TPS79913DDCT Datasheet HTML 11Page - Texas Instruments TPS79913DDCT Datasheet HTML 12Page - Texas Instruments TPS79913DDCT Datasheet HTML 13Page - Texas Instruments TPS79913DDCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
APPLICATION INFORMATION
Feedback Capacitor Requirements
Output Noise
Input and Output Capacitor Requirements
TPS79901
GND
EN
FB
IN
OUT
V
IN
V
OUT
R
1
C
FB
R
2
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
V
=
OUT
´ 1.193
(R
1
2
+R )
R
2
V
EN
2.2 F
m
Ceramic
TPS799xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional bypass capacitor
to reduce output noise
and increase PSRR.
2.2mF
Ceramic
V
EN
TPS799xx
SBVS056I – JANUARY 2005 – REVISED NOVEMBER 2007
The TPS799xx family of LDO regulators combines
the high performance required of many RF and
precision analog applications with ultra-low current
(TPS79901 only)
consumption. High PSRR is provided by a high gain,
The feedback capacitor, CFB, shown in Figure 29 is
high bandwidth error loop with good supply rejection
required for stability. For a parallel combination of R1
at very low headroom (VIN – VOUT). Fixed voltage
and R2 equal to 250kΩ, any value from 3pF to 1nF
versions provide a noise reduction pin to bypass
can be used. Fixed voltage versions have an internal
noise generated by the bandgap reference and to
30pF feedback capacitor which is quick-charged at
improve PSRR while a quick-start circuit fast-charges
start-up. The adjustable version does not have this
this capacitor at startup. The combination of high
quick-charge circuit, so values below 5pF should be
performance and low ground current also make the
used to ensure fast startup; values above 47pF can
TPS799xx
an
excellent
choice
for
portable
be used to implement an output voltage soft-start.
applications.
All
versions
have
thermal
and
Larger value capacitors also improve noise slightly.
over-current protection and are fully specified from
The TPS79901 is stable in unity-gain configuration
–40
°C to +125°C.
(OUT tied to FB) without CFB.
Figure 28 shows the basic circuit connections for
fixed voltage models. Figure 29 gives the connections
for the adjustable output version (TPS79901). R1 and
R2 can be calculated for any output voltage using the
In most LDOs, the bandgap is the dominant noise
formula in Figure 29. Sample resistor values for
source. If a noise reduction capacitor (CNR) is used
common output voltages are shown in Figure 29.
with the TPS799xx, the bandgap does not contribute
significantly to noise. Instead, noise is dominated by
the output resistor divider and the error amplifier
input. To minimize noise in a given application, use a
Although an input capacitor is not required for
0.01
µF noise reduction capacitor; for the adjustable
stability, it is good analog design practice to connect
version, smaller value resistors in the output resistor
a 0.1
µF to 1µF low ESR capacitor across the input
divider reduce noise. A parallel combination that
supply near the regulator. This
will
counteract
gives 2
µA of divider current will have the same noise
reactive
input
sources
and
improve
transient
performance as a fixed voltage version. To further
response, noise rejection, and ripple rejection. A
optimize noise, equivalent series resistance of the
higher-value capacitor may be necessary if large, fast
output capacitor can be set to approximately 0.2
Ω.
rise-time load transients are anticipated or the device
This configuration maximizes phase margin in the
is located several inches from the power source. If
control loop, reducing total output noise by up to
source impedance is not sufficiently low, a 0.1
µF
10%.
input capacitor may be necessary to ensure stability.
space
The TPS799xx is designed to be stable with standard
space
ceramic capacitors of values 2.2
µF or larger. X5R
and X7R type capacitors are best as they have
space
minimal variation in value and ESR over temperature.
Maximum ESR should be < 1.0
Ω.
space
Figure 29. Typical Application Circuit for
Adjustable Voltage Version
Figure 28. Typical Application Circuit for
Fixed Voltage Versions
10
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated


Similar Part No. - TPS79913DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79913DDCT TI-TPS79913DDCT Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79913DDCT TI-TPS79913DDCT Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79913DDCT TI-TPS79913DDCT Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79913DDCT TI1-TPS79913DDCT Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79913DDCTG4 TI-TPS79913DDCTG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79913DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com