Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CPQ020PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 80CPQ020PBF
Description  Schottky Rectifier, 2 x 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPQ020PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  80CPQ020PBF Datasheet HTML 1Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 2Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 3Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 4Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 5Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94256
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 12-Sep-08
1
Schottky Rectifier, 2 x 40 A
80CPQ020PbF
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap configuration
• Optimized for 3.3 V application
• Ultralow forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
This center tap Schottky rectifier has been optimized for
ultralow forward voltage drop specifically for 3.3 V output
power supplies. The proprietary barrier technology allows for
reliable operation up to 150 °C junction temperature. Typical
applications are in parallel switching power supplies,
converters, reverse battery protection, and redundant power
subsystems.
PRODUCT SUMMARY
IF(AV)
2 x 40 A
VR
20 V
IRM
1100 mA at 125 °C
TO-247AC
Base
common
cathode
Common
cathode
2
2
13
Anode
1
Anode
2
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
80
A
VRRM
20
V
IFSM
tp = 5 µs sine
2200
A
VF
40 Apk, TJ = 150 °C (per leg)
0.32
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
80CPQ020PbF
UNITS
Maximum DC reverse voltage
VR
20
V
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
50 % duty cycle at TC = 138 °C, rectangular waveform
40
A
per device
80
Maximum peak one cycle
non-repetitive surge current per leg
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
2200
10 ms sine or 6 ms rect. pulse
500
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 6 A, L = 1.5 mH
27
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
6A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 80CPQ020PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp
logo
Vishay Siliconix
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
More results

Similar Description - 80CPQ020PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 21-Aug-08
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 31-Aug-11
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ020-N3 VISHAY-VS-80CPQ020-N3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 2 x 40 A
01-Jan-2022
logo
STMicroelectronics
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
   Rad-Hard 2 x 40 A - 45 V Schottky rectifier
March 2020 - Rev 2
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
   Rad-Hard 2 x 40 A - 150 V Schottky rectifier
December 2021 - Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com