Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4137 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK4137
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4137 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK4137 Datasheet HTML 1Page - Sanyo Semicon Device 2SK4137 Datasheet HTML 2Page - Sanyo Semicon Device 2SK4137 Datasheet HTML 3Page - Sanyo Semicon Device 2SK4137 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK4137
No. A1019-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
3
5
V
Forward Transfer Admittance
⏐yfs⏐
VDS=10V, ID=5A
3
6
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=5A, VGS=10V
0.5
0.65
Ω
Input Capacitance
Ciss
VDS=30V, f=1MHz
750
pF
Output Capacitance
Coss
VDS=30V, f=1MHz
150
pF
Reverse Transfer Capacitance
Crss
VDS=30V, f=1MHz
35
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
16
ns
Rise Time
tr
See specified Test Circuit.
44
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
102
ns
Fall Time
tf
See specified Test Circuit.
47
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=10.5A
30
nC
Gate-to-Source Charge
Qgs
VDS=200V, VGS=10V, ID=10.5A
5.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=200V, VGS=10V, ID=10.5A
17
nC
Diode Forward Voltage
VSD
IS=10.5A, VGS=0V
0.9
1.2
V
Package Dimensions
unit : mm (typ)
7002-001
Switching Time Test Circuit
Avalanche Resistance Test Circuit
6.2
7.8
8.2
1.0
1.0
5.08
2.54
2.54
0.3
0.6
0.6
7.8
10.0
6.0
1
2
3
1 : Gate
2 : Source
3 : Drain
SANYO : ZP
PW=10μs
D.C.≤0.5%
P.G
RGS=50Ω
G
S
D
ID=5A
RL=40Ω
VDD=200V
VOUT
2SK4137
VIN
10V
0V
VIN
50
Ω
≥50Ω
RG
VDD
L
10V
0V
2SK4137


Similar Part No. - 2SK4137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SK413 ETC1-2SK413 Datasheet
153Kb / 3P
   SILICON N-CHANNEL MOS FET
logo
Inchange Semiconductor ...
2SK413 ISC-2SK413 Datasheet
66Kb / 2P
   Fast Switching Speed
logo
Sanyo Semicon Device
2SK4136 SANYO-2SK4136 Datasheet
60Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4138 SANYO-2SK4138 Datasheet
59Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - 2SK4137

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com