Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65161PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65161PWPR
Description  BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65161PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS65161PWPR Datasheet HTML 1Page - Texas Instruments TPS65161PWPR Datasheet HTML 2Page - Texas Instruments TPS65161PWPR Datasheet HTML 3Page - Texas Instruments TPS65161PWPR Datasheet HTML 4Page - Texas Instruments TPS65161PWPR Datasheet HTML 5Page - Texas Instruments TPS65161PWPR Datasheet HTML 6Page - Texas Instruments TPS65161PWPR Datasheet HTML 7Page - Texas Instruments TPS65161PWPR Datasheet HTML 8Page - Texas Instruments TPS65161PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS65161
TPS65161A, TPS65161B
www.ti.com .................................................................................................................................................... SLVS617C – APRIL 2006 – REVISED OCTOBER 2008
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
RTHJA
POWER RATING
POWER RATING
POWER RATING
28-Pin HTSSOP
28°C/W (PowerPAD(1) soldered)
3.57 W
1.96 W
1.42 W
(1)
See Texas Instruments application report SLMA002 regarding thermal characteristics of the PowerPAD package.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Output voltage range of the main boost converter(1)
19
V
Input capacitor at VINB
2×22
µF
CIN
Input capacitor AVIN
1
µF
Inductor boost converter(2)
10
L
µH
Inductor buck converter(2)
15
V(LOGIC)
Output voltage range of the step-down converter V(LOGIC)
1.8
5.0
V
Output capacitor boost converter
3×22
CO
µF
Output capacitor buck converter
2×22
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
The maximum output voltage is limited by the overvoltage protection threshold and not be the maximum switch voltage rating.
(2)
See application section for further information.
VIN = 12 V, SUP = VIN, EN1 = EN2 = VIN, VS = 15 V, V(LOGIC) = 3.3 V, TA = –40°C to 85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
8
14.7
V
VGH = 2 × VS,
Quiescent current into AVIN
0.2
2
Boost converter not switching
IQ
mA
VGH = 2 × VS,
Quiescent current into VINB
0.2
0.5
Buck converter not switching
Shutdown current into AVIN
EN1 = EN2 = GND
0.1
2
ISD
µA
Shutdown current into VINB
EN1 = EN2 = GND
0.1
2
Shutdown current into SUP
EN1 = EN2 = GND
0.1
4
µA
I(SUP)
Quiescent current into SUP
VGH = 2 × VS
0.2
2
mA
TPS65161, TPS65161A; VIN falling.
6
6.4
VUVLO
Undervoltage lockout threshold
V
TPS65161B; VIN falling.
8
8.8
Vref
Reference voltage
1.203
1.213
1.223
V
Thermal shutdown
Temperature rising
155
°C
Thermal shutdown hysteresis
5
°C
LOGIC SIGNALS EN1, EN2, FREQ
VIH
High-level input voltage EN1, EN2
2.0
V
VIL
Low-level input voltage EN1, EN2
0.8
V
VIH
High-level input voltage FREQ
1.7
V
VIL
Low-level input voltage FREQ
0.4
V
IIkg
Input leakage current
EN1 = EN2 = FREQ = GND or VIN
0.01
0.1
µA
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65161 TPS65161A TPS65161B


Similar Part No. - TPS65161PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65161PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com