Electronic Components Datasheet Search |
|
RNCJ10R0DSRSL Datasheet(PDF) 2 Page - Vishay Siliconix |
|
RNCJ10R0DSRSL Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 3 page Document Number: 31025 For technical questions, contact: ff2bresistors@vishay.com www.vishay.com Revision: 08-Jul-08 53 ERC (Military RNC/RNR) Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified, Type RNC, Characteristics J, H, K Vishay Dale DIMENSIONS in inches [millimeters] A D B E (1) C (Max.) Note: (1) 1.08 ± 0.125 [27.43 ± 3.18] if tape and reel VISHAY DALE MODEL MIL-PRF-55182 STYLE AB C (Max.) DE ERC50 RNC50, RNR50 0.150 ± 0.020 [3.81 ± 0.51] 0.070 ± 0.010 [1.78 ± 0.25] 0.187 [4.75] 0.016 ± 0.002 [0.41 ± 0.05] 1.25 ± 0.266 [31.75 ± 6.76] ERC55 RNC55, RNR55 0.250 + 0.031 - 0.046 [6.35 + 0.79 - 1.17] 0.094 ± 0.012 [2.39 ± 0.30] 0.300 [7.62] 0.025 ± 0.002 {0.64 ± 0.05] 1.50 ± 0.125 [38.1 ± 3.18] ERC55..200 RNC60, RNR60 0.280 ± 0.020 [7.11 ± 0.51] 0.097 ± 0.012 [2.46 ± 0.30] 0.350 [8.89] 0.025 ± 0.002 [0.64 ± 0.05] 1.50 ± 0.125 [38.1 ± 3.18] ERC65 RNC65, RNR65 0.562 ± 0.031 [14.27 ± 0.79] 0.180 ± 0.015 [4.57 ± 0.38] 0.687 [17.45] 0.025 ± 0.002 [0.64 ± 0.05] 1.50 ± 0.125 [38.1 ± 3.18] ERC70 RNC70, RNR70 0.562 ± 0.031 [14.27 ± 0.79] 0.180 ± 0.015 [4.57 ± 0.38] 0.687 [17.45] 0.032 ± 0.002 [0.81 ± 0.05] 1.50 ± 0.125 [38.1 ± 3.18] MATERIAL SPECIFICATIONS Element: Vacuum-deposited nickel-chrome alloy Encapsulation: Specially formulated epoxy compound Core: Fire-cleaned high purity ceramic Termination: Standard lead material is solder-coated copper Solderable and weldable per MIL-STD-1276, Type C. POWER RATING Power ratings are based on the following two conditions: 1. ± 2.0 % maximum ΔR in 10 000 h load life 2. + 175 °C maximum operating temperature APPLICABLE MIL-SPECIFICATIONS MIL-PRF-55182: The ERC series meets the electrical, environmental and dimensional requirements of MIL-PRF-55182. MIL-R-10509: MIL-PRF-55182 supercedes MIL-R-10509 on new designs. The ERC series meets or exceeds MIL-R-10509 requirements. Documentation: Qualification and failure rate verification test data is maintained by Vishay Dale and is available upon request. Lot traceability and identification data is maintained by Vishay Dale for five years. Vishay Dale ERC resistors have an operating temperature range of - 65 °C to + 175 °C. They must be derated according to the following curve: CAGE CODE: 91637 0 25 50 75 100 150 175 200 125 AMBIENT TEMPERATURE IN °C DERATING 0 20 40 60 80 100 120 - 65 - 50 - 25 MARKING - Per MIL-PRF-55182 |
Similar Part No. - RNCJ10R0DSRSL |
|
Similar Description - RNCJ10R0DSRSL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |