Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL202147332E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL202147332E3
Description  Aluminum Capacitors Axial Standard Miniature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL202147332E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL202147332E3 Datasheet HTML 1Page - Vishay Siliconix MAL202147332E3 Datasheet HTML 2Page - Vishay Siliconix MAL202147332E3 Datasheet HTML 3Page - Vishay Siliconix MAL202147332E3 Datasheet HTML 4Page - Vishay Siliconix MAL202147332E3 Datasheet HTML 5Page - Vishay Siliconix MAL202147332E3 Datasheet HTML 6Page - Vishay Siliconix MAL202147332E3 Datasheet HTML 7Page - Vishay Siliconix MAL202147332E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
021 ASM
Vishay BCcomponents
Aluminum Capacitors
Axial Standard Miniature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28325
174
Revision: 08-Apr-08
Table 1
Note
Detailed tape dimensions see section ‘PACKAGING’.
Table 2
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
AXIAL: FORM AA, BA, and BR
MASS
(g)
PACKAGING QUANTITIES
Ø dI
Ø Dmax.
Lmax.
Fmin.
FORM
AA
FORM
BA
FORM
BR
4.5 x 10
2
0.6
-
5.0
10.5
15
≈ 0.50
-
1000
3000
6 x 10
3
0.6
-
6.3
10.5
15
≈ 0.70
-
1000
1000
8 x 11
5a
0.6
-
8.5
11.5
15
≈ 1.1
-
500
500
6.5 x 18
4
0.8
-
6.9
18.5
25
≈ 1.3
-
1000
1000
8 x 18
5
0.8
-
8.5
18.5
25
≈ 1.7
-
500
500
10 x 18
6
0.8
-
10.5
18.5
25
≈ 2.5
-
500
500
10 x 25
7
0.8
-
10.5
25.5
30
≈ 3.3
-
500
500
10 x 30
00
0.8
55 ± 1
10.5
30.5
35
≈ 4.8
340
-
500
12.5 x 30
01
0.8
55 ± 1
13.0
30.5
35
≈ 7.4
260
-
400
15 x 30
02
0.8
55 ± 1
15.5
30.5
35
≈ 11.7
200
-
250
18 x 30
03
0.8
55 ± 1
18.5
30.5
35
≈ 12.9
120
-
-
18 x 38
04
0.8
34 ± 1
18.5
39.5
44
≈ 19.0
125
-
-
21 x 38
05
0.8
34 ± 1
21.5
39.5
44
≈ 24.0
100
-
-
D
90° ± 2°
(3 x)
3.6
+ 0.03
- 0.1
+ 0.2
- 0.4
1.05
(3 x)
0
- 0.05
1.3
(3 x)
D3
120°
(3 x)
1.3
+ 0.1
0
(3 x)
Mounting holes
L
Ø D2
Ø d1
1
+ 1.0
- 0.5
Form MR:
Case Ø D x L = 15 x 30 to 21 x 38 mm
Case not insulated (insulation on request)
Especially for applications with severe shocks and vibrations
Fig.5 Mounting hole diagramm and outline. Form MR: with mounting ring and pins
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
Ø d1
Ø d2
Ø D2max.
D3
Lmax.
15 x 30
02
0.8
1.0 + 0.4
17.5
16.5 ± 0.2
33
≈ 11.7
200
18 x 30
03
0.8
1.0 + 0.4
19.5
18.5 ± 0.2
33
≈ 12.9
240
18 x 38
04
0.8
1.0 + 0.4
19.5
18.5 ± 0.2
42
≈ 19.0
100
21 x 38
05
0.8
1.0 + 0.4
22.5
21.5 ± 0.2
42
≈ 24.0
100


Similar Part No. - MAL202147332E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL202147332E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com