Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3832 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3832
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3832 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3832 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3832 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3832 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3832 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3832
No.8015-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
20
ns
Rise Time
tr
See specified Test Circuit.
36
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
180
ns
Fall Time
tf
See specified Test Circuit.
60
ns
Total Gate Charge
Qg
VDS=50V, VGS=10V, ID=30A
42
nC
Gate-to-Source Charge
Qgs
VDS=50V, VGS=10V, ID=30A
7.2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=50V, VGS=10V, ID=30A
9.2
nC
Diode Forward Voltage
VSD
IS=30A, VGS=0
1.0
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
2056A
Unclamped Inductive Circuit
1 : Gate
2 : Drain
3 : Source
SANYO : TO-3PB
15.6
14.0
1.6
1.0
2.0
0.6
3.2
4.8
2.0
0.6
5.45
5.45
1
2
3
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=15A
RL=3.3Ω
VDD=50V
VOUT
2SK3832
VIN
10V
0V
VIN
50
15V
0V
≥50Ω
RG
DUT
VDD
L
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
IT07709
IT07710
0.5
0
1.0
3.0
2.5
2.0
1.5
3.5
0
10
20
30
40
50
60
0
10
20
30
40
50
60
1.0
2.0
3.0
4.0
5.0
0
6.0
4.0V
VGS=3.0V
Tc=
25
°C
6.0V
8.0V
10V
VDS=10V


Similar Part No. - 2SK3832

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3832 SANYO-2SK3832 Datasheet
63Kb / 4P
   General-Purpose Switching Device Applications
logo
Inchange Semiconductor ...
2SK3832 ISC-2SK3832 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3832

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com