Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL204866472E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL204866472E3
Description  Aluminum Capacitors Radial Miniature Long Life
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204866472E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL204866472E3 Datasheet HTML 1Page - Vishay Siliconix MAL204866472E3 Datasheet HTML 2Page - Vishay Siliconix MAL204866472E3 Datasheet HTML 3Page - Vishay Siliconix MAL204866472E3 Datasheet HTML 4Page - Vishay Siliconix MAL204866472E3 Datasheet HTML 5Page - Vishay Siliconix MAL204866472E3 Datasheet HTML 6Page - Vishay Siliconix MAL204866472E3 Datasheet HTML 7Page - Vishay Siliconix MAL204866472E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28318
120
Revision: 05-May-08
048 RML
Vishay BCcomponents
Aluminum Capacitors
Radial Miniature Long Life
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 048 series
2200 µF/16 V; ± 20 %
Nominal case size: Ø 12.5 x 25 mm; Form TFA
Ordering code: MAL204835222E3
Former 12NC: 2222 048 35222
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 105
°C
IL1
max. leakage current after 1 minute at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL1
1min
(µA)
tan
δ
100 Hz
Z
100 kHz
(m
Ω)
ORDERING NUMBER MAL2048.......
BULK PACKAGING
TAPED
Form CA
Form CB
Form TFA
6.3
6800
16 x 25
1350
430
0.32
56
53682E3
63682E3
33682E3
10 000
16 x 35
1700
630
0.40
42
53103E3
63103E3
-
10
1000
10 x 16
470
100
0.19
180
54102E3
64102E3
34102E3
2200
12.5 x 20
800
220
0.21
90
54222E3
64222E3
34222E3
3300
12.5 x 25
1000
330
0.23
68
54332E3
64332E3
34332E3
4700
16 x 25
1270
470
0.25
56
54472E3
64472E3
34472E3
6800
16 x 31
1550
680
0.29
45
54682E3
64682E3
34682E3
10 000
18 x 35
1870
1000
0.37
36
54103E3
64103E3
-
16
470
10 x 12
360
78
0.16
250
55471E3
65471E3
35471E3
1000
10 x 20
600
160
0.16
140
55102E3
65102E3
35102E3
2200
12.5 x 25
1000
360
0.18
70
55222E3
65222E3
35222E3
3300
16 x 25
1220
530
0.20
56
55332E3
65332E3
35332E3
4700
16 x 31
1500
760
0.22
45
55472E3
65472E3
35472E3
6800
16 x 35
1690
1100
0.26
42
55682E3
65682E3
-
10 000
18 x 35
1980
1600
0.34
34
55103E3
65103E3
-
25
470
10 x 16
440
120
0.14
180
56471E3
66471E3
36471E3
1000
12.5 x 20
720
250
0.14
100
56102E3
66102E3
36102E3
2200
16 x 25
1120
550
0.16
56
56222E3
66222E3
36222E3
3300
16 x 31
1450
830
0.18
45
56332E3
66332E3
36332E3
4700
18 x 35
1720
1200
0.20
36
56472E3
66472E3
-
35
220
10 x 12
310
80
0.12
280
50221E3
60221E3
30221E3
470
10 x 20
500
170
0.12
150
50471E3
60471E3
30471E3
1000
12.5 x 25
900
350
0.12
75
50102E3
60102E3
30102E3
2200
16 x 31
1340
770
0.14
45
50222E3
60222E3
30222E3
3300
18 x 35
1600
1200
0.16
36
50332E3
60332E3
-
4700
18 x 35
1950
1600
0.18
34
50472E3
60472E3
-
40
2200
16 x 35
1500
880
0.13
45
57222E3
67222E3
-
3300
18 x 35
1600
1300
0.15
36
57332E3
67332E3
-
50
220
10 x 16
340
110
0.10
250
51221E3
61221E3
31221E3
470
12.5 x 20
620
240
0.10
110
51471E3
61471E3
31471E3
1000
16 x 25
1030
500
0.10
60
51102E3
61102E3
31102E3
2200
18 x 35
1500
1100
0.12
50
51222E3
61222E3
-
3300
18 x 35
1900
1700
0.14
40
51332E3
61332E3
-
63
100
10 x 12
240
66
0.09
310
58101E3
68101E3
38101E3
220
10 x 20
400
140
0.09
200
58221E3
68221E3
38221E3
330
12.5 x 20
550
210
0.09
120
58331E3
68331E3
38331E3
470
12.5 x 25
700
300
0.09
80
58471E3
68471E3
38471E3
1000
16 x 31
1150
630
0.09
49
58102E3
68102E3
38102E3
2200
18 x 35
1600
1400
0.11
45
58222E3
68222E3
-


Similar Part No. - MAL204866472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204121109E3 VISHAY-MAL204121109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121229E3 VISHAY-MAL204121229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121478E3 VISHAY-MAL204121478E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123109E3 VISHAY-MAL204123109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123228E3 VISHAY-MAL204123228E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204866472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com