Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60EPU04 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 60EPU04
Description  Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPU04 Datasheet(HTML) 3 Page - Vishay Siliconix

  60EPU04 Datasheet HTML 1Page - Vishay Siliconix 60EPU04 Datasheet HTML 2Page - Vishay Siliconix 60EPU04 Datasheet HTML 3Page - Vishay Siliconix 60EPU04 Datasheet HTML 4Page - Vishay Siliconix 60EPU04 Datasheet HTML 5Page - Vishay Siliconix 60EPU04 Datasheet HTML 6Page - Vishay Siliconix 60EPU04 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93020
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 02-Jun-08
3
60EPU04/60APU04
Ultrafast Soft Recovery Diode,
60 A FRED PtTM
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
1000
0
2.5
1.5
1
VFM - Forward Voltage Drop (V)
100
0.5
2
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
0.01
0.1
1
10
100
0
200
VR - Reverse Voltage (V)
T
J = 25 °C
100
0.001
1000
400
300
T
J = 175 °C
T
J = 125 °C
100
1000
0
100
1000
10
VR - Reverse Voltage (V)
10
T
J = 25 °C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
10
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - 60EPU04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU04 IRF-60EPU04 Datasheet
146Kb / 7P
   Ultrafast Soft Recovery Diode
logo
Inchange Semiconductor ...
60EPU04 ISC-60EPU04 Datasheet
245Kb / 1P
   Ultrafast Rectifier
logo
Vishay Siliconix
60EPU04-N3 VISHAY-60EPU04-N3 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
logo
International Rectifier
60EPU04PBF IRF-60EPU04PBF Datasheet
170Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
More results

Similar Description - 60EPU04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU06 VISHAY-60EPU06 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU02PBF VISHAY-60EPU02PBF Datasheet
135Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
80EBU04 VISHAY-80EBU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PTTM
Revision: 30-Oct-08
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PtTM
Revision: 30-Oct-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 60 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com