Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60CTQ150PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 60CTQ150PBF
Description  Schottky Rectifier, 2 x 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CTQ150PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  60CTQ150PBF Datasheet HTML 1Page - Vishay Siliconix 60CTQ150PBF Datasheet HTML 2Page - Vishay Siliconix 60CTQ150PBF Datasheet HTML 3Page - Vishay Siliconix 60CTQ150PBF Datasheet HTML 4Page - Vishay Siliconix 60CTQ150PBF Datasheet HTML 5Page - Vishay Siliconix 60CTQ150PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94240
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
3
60CTQ150PbF
Schottky Rectifier, 2 x 30 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
(Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
1
100
10
1000
VFM - Forward Voltage Drop (V)
0.2
0.4
0.6
0.8
1.0
1.2
2.0
1.4
1.6
1.8
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
0.001
1
10
100
0.1
0.01
VR - Reverse Voltage (V)
40
20
60
80
140
160
100
120
0
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
1000
VR - Reverse Voltage (V)
40
80
160
120
0
T
J = 125 °C
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
10
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 60CTQ150PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTQ150PBF IRF-60CTQ150PBF Datasheet
611Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Vishay Siliconix
60CTQ150PBF VISHAY-60CTQ150PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
60CTQ150PBF VISHAY-60CTQ150PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
More results

Similar Description - 60CTQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
60CTQ150 VISHAY-60CTQ150 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com