Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL204865472E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL204865472E3
Description  Aluminum Capacitors Radial Miniature Long Life
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204865472E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL204865472E3 Datasheet HTML 1Page - Vishay Siliconix MAL204865472E3 Datasheet HTML 2Page - Vishay Siliconix MAL204865472E3 Datasheet HTML 3Page - Vishay Siliconix MAL204865472E3 Datasheet HTML 4Page - Vishay Siliconix MAL204865472E3 Datasheet HTML 5Page - Vishay Siliconix MAL204865472E3 Datasheet HTML 6Page - Vishay Siliconix MAL204865472E3 Datasheet HTML 7Page - Vishay Siliconix MAL204865472E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28318
122
Revision: 05-May-08
048 RML
Vishay BCcomponents
Aluminum Capacitors
Radial Miniature Long Life
IMPEDANCE (Z)
10
2
10
1
10
-1
Z
Z
0
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (20 °C)
Fig.9 Typical multiplier of impedance as a function of
ambient temperature
Z
0 = typical impedance at 20 °C, 10 kHz
1
2
1
2
Curve 1: case Ø D = 10 mm
Curve 2: case Ø D = 16 mm
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
T
amb (20 °C)
Fig.10 Typical impedance as a function of frequency
10
10
2
10
3
10
4
10
5
1
2
3
4
5
6
Curve 1: 470 µF, 16 V; Ø D = 10 x 12 mm
Curve 2: 1000 µF, 10 V; Ø D = 10 x 16 mm
Curve 3: 1000 µF, 16 V; Ø D = 10 x 20 mm
Curve 4: 2200 µF, 16 V; Ø D = 12.5 x 25 mm
Curve 5: 3300 µF, 16 V; Ø D = 16 x 25 mm
Curve 6: 6800 µF, 6.3 V; Ø D = 16 x 25 mm
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
T
amb (20 °C)
Fig.11 Typical impedance as a function of frequency
10
10
2
10
3
10
4
10
5
1
2
3
4
5
6
7
Curve 1: 220 µF, 35 V; Ø D = 10 x 12 mm
Curve 2: 330 µF, 35 V; Ø D = 10 x 16 mm
Curve 3: 470 µF, 25 V; Ø D = 10 x 16 mm
Curve 4: 470 µF, 35 V; Ø D = 10 x 20 mm
Curve 5: 1000 µF, 25 V; Ø D = 12.5 x 20 mm
Curve 6: 1000 µF, 35 V; Ø D = 12.5 x 25 mm
Curve 6: 3300 µF, 25 V; Ø D = 16 x 31 mm
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
T
amb (20 °C)
Fig.12 Typical impedance as a function of frequency
10
10
2
10
3
10
4
10
5
1
2
3
4
5
6
7
8
Curve 1: 100 µF, 63 V; Ø D = 10 x 12 mm
Curve 2: 220 µF, 50 V; Ø D = 10 x 16 mm
Curve 3: 220 µF, 63 V; Ø D = 10 x 20 mm
Curve 4: 330 µF, 63 V; Ø D = 12.5 x 20 mm
Curve 5: 470 µF, 50 V; Ø D = 12.5 x 20 mm
Curve 6: 470 µF, 63 V; Ø D = 12.5 x 25 mm
Curve 7: 1000 µF, 63 V; Ø D = 16 x 31 mm
Curve 8: 1000 µF, 40 V; Ø D = 16 x 35 mm


Similar Part No. - MAL204865472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204121109E3 VISHAY-MAL204121109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121229E3 VISHAY-MAL204121229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121478E3 VISHAY-MAL204121478E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123109E3 VISHAY-MAL204123109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123228E3 VISHAY-MAL204123228E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204865472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com