Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104MT120KPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 104MT120KPBF
Description  Three Phase AC Switch (Power Modules), 50 A to 100 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104MT120KPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  104MT120KPBF Datasheet HTML 1Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 2Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 3Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 4Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 5Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 6Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 7Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 8Page - Vishay Siliconix 104MT120KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94351
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 05-May-08
5
54-94-104MT..KPbF Series
Three Phase AC Switch
(Power Modules), 50 A to 100 A
Vishay High Power Products
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Current Ratings Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
325
350
300
275
250
225
200
175
150
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
54MT..K Series
Per junction
Initial T
J = 125 °C
350
300
250
200
150
400
Pulse Train Duration (s)
0.1
1
0.01
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
54MT..K Series
Per junction
No voltage reapplied
Rated V
RRM reapplied
Initial T
J = 125° C
90
80
70
60
50
100
110
120
130
RMS Output Current (A)
20
40
60
80
120
100
0
94MT..K Series
Device fully turned-on
Per single AC switch
For all conduction angles
I
RMS
~
1
10
100
1000
Instantaneous On-State Voltage (V)
12
4
5
3
0
T
J = 25 °C
94MT..K Series
Per junction
T
J = 125 °C
50
450
350
400
300
250
150
200
100
0
RMS Output Current (A)
30
10
20
40
50
90 100
60
70
80
0
180°
120°
90°
60°
30°
94MT..K Series
T
J = 125 °C
Device fully
turned-on
Conduction angle
Ø
0
50
350
400
450
300
250
200
150
100
Maximum Allowable Ambient
Temperature (°C)
75
100
125
50
25
0
0.15
K/W
0.3
K/W
0.5
K/W
0.7 K/W
1.0 K/W
1.5 K/W


Similar Part No. - 104MT120KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
104MT160KBS90 IRF-104MT160KBS90 Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
More results

Similar Description - 104MT120KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
54-94-104MTKPBF VISHAY-54-94-104MTKPBF Datasheet
220Kb / 11P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 14-Jan-14
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2023
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2022
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com