Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104MT80KPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 104MT80KPBF
Description  Three Phase AC Switch (Power Modules), 50 A to 100 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104MT80KPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  104MT80KPBF Datasheet HTML 1Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 2Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 3Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 4Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 5Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 6Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 7Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 8Page - Vishay Siliconix 104MT80KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94351
4
Revision: 05-May-08
54-94-104MT..KPbF Series
Vishay High Power Products
Three Phase AC Switch
(Power Modules), 50 A to 100 A
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristic
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 Total Power Loss Characteristics
ΔR CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION
AT TJ MAXIMUM
RECTANGULAR CONDUCTION
AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
54MT.K
0.072
0.085
0.108
0.152
0.233
0.055
0.091
0.117
0.157
0.236
K/W
94MT.K
0.033
0.039
0.051
0.069
0.099
0.027
0.044
0.055
0.071
0.100
104MT.K
0.027
0.033
0.042
0.057
0.081
0.023
0.037
0.046
0.059
0.082
90
80
70
60
110
100
120
130
RMS Output Current (A)
10
20
50
60
3040
0
54MT..K Series
Device fully turned-on
Per single AC switch
For all conduction angles
I
RMS
~
1
10
100
1000
Instantaneous On-State Voltage (V)
1
5
6
2
3
4
0
T
J = 25 °C
T
J = 125 °C
54MT..K Series
Per junction
50
0
250
200
350
300
150
100
RMS Output Current (A)
10
20
60
304050
0
180°
120°
90°
60°
30°
54MT..K Series
T
J = 125 °C
Device fully
turned-on
Conduction angle
Ø
0
50
350
300
250
200
150
100
Maximum Allowable Ambient
Temperature (°C)
100
125
25
50
75
0
0.1
K/W
0.2
K/W
0.3
K/W
0.5
K/W
0.7 K/W
1.0 K/W
2.0 K/W


Similar Part No. - 104MT80KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
104MT IRF-104MT Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
104MT160KBS90 IRF-104MT160KBS90 Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
logo
Illinois Capacitor, Inc...
104MTB102KE ILLINOISCAPACITOR-104MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
104MTB102KE ILLINOISCAPACITOR-104MTB102KE Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
104MTB102KE ILLINOISCAPACITOR-104MTB102KE Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
More results

Similar Description - 104MT80KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
54-94-104MTKPBF VISHAY-54-94-104MTKPBF Datasheet
220Kb / 11P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 14-Jan-14
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2023
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2022
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com