Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF720 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRF720
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF720 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF720 Datasheet HTML 1Page - Vishay Siliconix IRF720 Datasheet HTML 2Page - Vishay Siliconix IRF720 Datasheet HTML 3Page - Vishay Siliconix IRF720 Datasheet HTML 4Page - Vishay Siliconix IRF720 Datasheet HTML 5Page - Vishay Siliconix IRF720 Datasheet HTML 6Page - Vishay Siliconix IRF720 Datasheet HTML 7Page - Vishay Siliconix IRF720 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91043
www.vishay.com
S-81291-Rev. A, 16-Jun-08
1
Power MOSFET
IRF720, SiHF720
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 30 mH, RG = 25 Ω, IAS = 3.3 A (see fig. 12).
c. ISD ≤ 3.3 A, dI/dt ≤ 65 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
400 V
RDS(on) (Ω)VGS = 10 V
1.8
Qg (Max.) (nC)
20
Qgs (nC)
3.3
Qgd (nC)
11
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220
Lead (Pb)-free
IRF720PbF
SiHF720-E3
SnPb
IRF720
SiHF720
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
400
V
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
3.3
A
TC = 100 °C
2.1
Pulsed Drain Currenta
IDM
13
Linear Derating Factor
0.40
W/°C
Single Pulse Avalanche Energyb
EAS
190
mJ
Repetitive Avalanche Currenta
IAR
3.3
A
Repetitive Avalanche Energya
EAR
5.0
mJ
Maximum Power Dissipation
TC = 25 °C
PD
50
W
Peak Diode Recovery dV/dtc
dV/dt
4.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRF720

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF720 SAMSUNG-IRF720 Datasheet
273Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF720 FAIRCHILD-IRF720 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
Intersil Corporation
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF720 IRF-IRF720 Datasheet
554Kb / 8P
   TRANSISTORS N-CHANNEL
logo
New Jersey Semi-Conduct...
IRF720 NJSEMI-IRF720 Datasheet
1,011Kb / 3P
   400 Volt, 1.8 Ohm HEXFET TO-220AB Plastic Package
More results

Similar Description - IRF720

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com