Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHF634NS-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIHF634NS-E3
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHF634NS-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  SIHF634NS-E3 Datasheet HTML 1Page - Vishay Siliconix SIHF634NS-E3 Datasheet HTML 2Page - Vishay Siliconix SIHF634NS-E3 Datasheet HTML 3Page - Vishay Siliconix SIHF634NS-E3 Datasheet HTML 4Page - Vishay Siliconix SIHF634NS-E3 Datasheet HTML 5Page - Vishay Siliconix SIHF634NS-E3 Datasheet HTML 6Page - Vishay Siliconix SIHF634NS-E3 Datasheet HTML 7Page - Vishay Siliconix SIHF634NS-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
Document Number: 91033
6
S-Pending-Rev. A, 19-Jun-08
IRF634N, IRF634NL, IRF634NS, SiHF634N, SiHF634NL, SiHF634NS
Vishay Siliconix
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
10
1
0.1
10-2
10-5
10-4
10-3
10-2
0.1
P
DM
t
1
t
2
t1, Rectangular Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
Single Pulse
(Thermal Response)
0
− 0.5
0.2
0.1
0.05
0.02
0.01
91033_11
A
R
G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
Driver
15 V
20 V
IAS
VDS
tp
200
0
40
80
120
160
25
150
125
100
75
50
Starting TJ, Junction Temperature (°C)
Bottom
Top
I
D
2.0 A
3.4 A
4.8 A
91033_12c
175


Similar Part No. - SIHF634NS-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF634 VISHAY-SIHF634 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
SIHF634-E3 VISHAY-SIHF634-E3 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
SIHF6340STL-E3 VISHAY-SIHF6340STL-E3 Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
SiHF634S VISHAY-SiHF634S Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
SIHF634S VISHAY-SIHF634S Datasheet
218Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHF634NS-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com