Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50WQ10FNTR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 50WQ10FNTR
Description  Schottky Rectifier, 5.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50WQ10FNTR Datasheet(HTML) 4 Page - Vishay Siliconix

  50WQ10FNTR Datasheet HTML 1Page - Vishay Siliconix 50WQ10FNTR Datasheet HTML 2Page - Vishay Siliconix 50WQ10FNTR Datasheet HTML 3Page - Vishay Siliconix 50WQ10FNTR Datasheet HTML 4Page - Vishay Siliconix 50WQ10FNTR Datasheet HTML 5Page - Vishay Siliconix 50WQ10FNTR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94235
4
Revision: 21-Apr-08
50WQ10FNPbF
Vishay High Power Products Schottky Rectifier, 5.5 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
120
125
130
135
140
150
145
IF(AV) - Average Forward Current (A)
4
3
567
8
0
1
2
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
0
0.5
1.5
3.0
3.5
2.5
2.0
1.0
5.0
5.5
4.5
4.0
IF(AV) - Average Forward Current (A)
2
1
3
4
8
567
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - 50WQ10FNTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ10FNTR IRF-50WQ10FNTR Datasheet
71Kb / 6P
   SCHOTTKY RECTIFIER
50WQ10FNTR IRF-50WQ10FNTR Datasheet
219Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
50WQ10FNTRL IRF-50WQ10FNTRL Datasheet
71Kb / 6P
   SCHOTTKY RECTIFIER
50WQ10FNTRL IRF-50WQ10FNTRL Datasheet
219Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
50WQ10FNTRLPBF IRF-50WQ10FNTRLPBF Datasheet
219Kb / 7P
   SCHOTTKY RECTIFIER 5.5 Amp
More results

Similar Description - 50WQ10FNTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3_V01 Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
01-Jan-2022
50WQ06FNPBF VISHAY-50WQ06FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com