Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50SQ100G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 50SQ100G
Description  Schottky Rectifier, 5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50SQ100G Datasheet(HTML) 3 Page - Vishay Siliconix

  50SQ100G Datasheet HTML 1Page - Vishay Siliconix 50SQ100G Datasheet HTML 2Page - Vishay Siliconix 50SQ100G Datasheet HTML 3Page - Vishay Siliconix 50SQ100G Datasheet HTML 4Page - Vishay Siliconix 50SQ100G Datasheet HTML 5Page - Vishay Siliconix 50SQ100G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93356
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 07-Nov-08
3
50SQ...G Series
Schottky Rectifier, 5 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJL Characteristics
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage Drop - V
(V)
FM
T = 175°C
T = 125°C
T = 25°C
J
J
J
0.0001
0.001
0.01
0.1
1
10
100
020
40
60
80
100
R
T = 175°C
150°C
125°C
100°C
75°C
50°C
25°C
J
Reverse Voltage - V
(V)
100
1000
020
40
60
80
100
T = 25°C
J
R
Reverse Voltage - V (V)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
Notes:
1. Duty fac tor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
C
DM
thJL
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
= 1/8 inch
2
t
1
t
P
DM


Similar Part No. - 50SQ100G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50SQ100 IRF-50SQ100 Datasheet
78Kb / 5P
   SCHOTTKY RECTIFIER
50SQ100 IRF-50SQ100 Datasheet
187Kb / 4P
   5 AMP SCHOTTKY POWER RECTIFIER
logo
Vishay Siliconix
50SQ100 VISHAY-50SQ100 Datasheet
106Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
50SQ100 VISHAY-50SQ100 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
logo
New Jersey Semi-Conduct...
50SQ100 NJSEMI-50SQ100 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 50SQ100G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50SQ100TR VISHAY-VS-50SQ100TR Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
50SQ060 VISHAY-50SQ060 Datasheet
106Kb / 6P
   Schottky Rectifier, 5 A
Revision: 07-Nov-08
50SQ060 VISHAY-50SQ060_09 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
Revision: 27-Jan-09
VS-50SQ060 VISHAY-VS-50SQ060 Datasheet
130Kb / 7P
   Schottky Rectifier, 5 A
Revision: 19-Sep-11
VS-50SQ060-M3 VISHAY-VS-50SQ060-M3 Datasheet
124Kb / 7P
   Schottky Rectifier, 5 A
02-Oct-12
logo
Microsemi Corporation
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Micrel Semiconductor
UPS3540 MICREL-UPS3540 Datasheet
290Kb / 6P
   5 A Schottky Barrier Rectifier
logo
Microsemi Corporation
UPS560E3 MICROSEMI-UPS560E3 Datasheet
179Kb / 3P
   5 A Schottky Barrier Rectifier
logo
Vishay Siliconix
10CTQ150SPBF VISHAY-10CTQ150SPBF_10 Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 5 A
Revision: 23-Mar-10
VS-10CTQ150PBF VISHAY-VS-10CTQ150PBF_V01 Datasheet
147Kb / 7P
   Schottky Rectifier, 2 x 5 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com