Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL203868102E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL203868102E3
Description  Aluminum Capacitors Radial Standard Ultra Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203868102E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL203868102E3 Datasheet HTML 1Page - Vishay Siliconix MAL203868102E3 Datasheet HTML 2Page - Vishay Siliconix MAL203868102E3 Datasheet HTML 3Page - Vishay Siliconix MAL203868102E3 Datasheet HTML 4Page - Vishay Siliconix MAL203868102E3 Datasheet HTML 5Page - Vishay Siliconix MAL203868102E3 Datasheet HTML 6Page - Vishay Siliconix MAL203868102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 28309
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-May-08
89
Aluminum Capacitors
Radial Standard Ultra Miniature
038 RSU
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case,
insulated with a blue vinyl sleeve
• Pressure relief for case Ø D ≥ 6.3 mm
• Charge and discharge proof
• Miniaturized, high CV-product per unit volume
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• General purpose, industrial, automotive, consumer, and
audio-video
• Coupling,
decoupling,
timing,
smoothing,
filtering,
buffering in SMPS
• Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Negative terminal identification
• Series number (038)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
5 x 11 to 18 x 40
Rated capacitance range, CR
0.1 to 22 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 to 100 V
Category temperature range
- 40 to + 85 °C
Endurance test at 85 °C:
case size Ø D
≤ 8 mm
2000 hours
case size Ø D
≥ 10 mm
3000 hours
Useful life at 85 °C:
case size Ø D
≤ 8 mm
2500 hours
case size Ø D
≥ 10 mm
3500 hours
Useful life at 40 °C, 1.4 x IR applied:
case size Ø D
≤ 8 mm
60 000 hours
case size Ø D
≥ 10 mm
90 000 hours
Shelf life at 0 V, 85 °C
1000 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/085/56
Fig.1 Component outline
152 RMH
higher
voltage
RoHS
COMPLIANT


Similar Part No. - MAL203868102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203023109E3 VISHAY-MAL203023109E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023151E3 VISHAY-MAL203023151E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023689E3 VISHAY-MAL203023689E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024101E3 VISHAY-MAL203024101E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024479E3 VISHAY-MAL203024479E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
More results

Similar Description - MAL203868102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com