Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2624FS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK2624FS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2624FS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK2624FS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2624FS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2624FS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2624FS Datasheet HTML 4Page - Sanyo Semicon Device 2SK2624FS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK2624FS
No. A1320-2/5
Switching Time Test Circuit
Avalanche Resistance Test Circuit
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=10mA, VGS=0V
600
V
Zero-Gate Voltage Drain Current
IDSS
VDS=480V, VGS=0V
1.0
mA
Gate-to-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±100
nA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
3.5
5.5
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=1.8A
1.0
2.0
S
Static Drain-to-Source On-State Resistance
RDS(on)
ID=1.8A, VGS=15V
2.0
2.6
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
550
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
165
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
85
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
17
ns
Rise Time
tr
See specified Test Circuit.
17
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
40
ns
Fall Time
tf
See specified Test Circuit.
22
ns
Total Gate Charge
Qg
VDS=200V, VGS=10V, ID=3A
15
nC
Diode Forward Voltage
VSD
IS=3A, VGS=0V
0.98
1.2
V
Package Dimensions
unit : mm (typ)
7528-001
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220F-3FS
10.16
0.8
1.47 MAX
4.7
2.54
2.76
12
3
0.5
2.54
2.54
3.18
PW=1μs
D.C.≤1%
P.G
RGS
50Ω
G
S
ID=1.8A
RL=111Ω
VDD=200V
VGS=15V
VOUT
2SK2624FS
D
50Ω
≥50Ω
RG
VDD
L
15V
0V
2SK2624FS


Similar Part No. - 2SK2624FS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2624FG SANYO-2SK2624FG Datasheet
325Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - 2SK2624FS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com