Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL203861222E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL203861222E3
Description  Aluminum Capacitors Radial Standard Ultra Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203861222E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL203861222E3 Datasheet HTML 1Page - Vishay Siliconix MAL203861222E3 Datasheet HTML 2Page - Vishay Siliconix MAL203861222E3 Datasheet HTML 3Page - Vishay Siliconix MAL203861222E3 Datasheet HTML 4Page - Vishay Siliconix MAL203861222E3 Datasheet HTML 5Page - Vishay Siliconix MAL203861222E3 Datasheet HTML 6Page - Vishay Siliconix MAL203861222E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
038 RSU
Vishay BCcomponents
Aluminum Capacitors
Radial Standard Ultra Miniature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28309
94
Revision: 05-May-08
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Table 4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
8090
100
Tamb (°C)
lifetime multiplier
(1)
IA
IR
CCC205
I
A = actual ripple current at 100 Hz
I
R = rated ripple current at 100 Hz, 85 °C
Useful life at 85 °C and I
R applied:
case Ø D
≤ 8 mm: 2500 h
case Ø D
≥ 10 mm: 3500 h
Fig.8 Multiplier of useful life as afunction of ambient temperature and ripple current load
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
CR < 100 µF
CR = 100 to 1000 µF
CR > 1000 µF
50
0.70
0.75
0.80
100
1.00
1.00
1.00
500
1.30
1.20
1.10
1000
1.40
1.30
1.12
≥ 10 000
1.50
1.35
1.15
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb =85°C; UR applied;
case Ø
≤ 8 mm: 2000 h
case Ø
≥ 10 mm: 3000 h
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb =85°C; UR and IR applied;
case Ø
≤ 8 mm: 2500 h
case Ø
≥ 10 mm: 3500 h
ΔC/C: ± 50 %
tan
δ≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied; 1000 h
after test: UR to be applied for 30 min, 24 to 48 h
before measurement
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL5 ≤ 3 x spec. limit
Surge
IEC 60384-4/
EN130300
subclause 4.14
from source of 1.15 x UR:
RC = 0.1 ± 0.05 s;
1000 cycles of 30 s on,
330 s off, at 85 °C
ΔC/C: ± 25 %
tan
δ≤ 1.5 x spec. limit
IL5 ≤ spec. limit


Similar Part No. - MAL203861222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203023109E3 VISHAY-MAL203023109E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023151E3 VISHAY-MAL203023151E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023689E3 VISHAY-MAL203023689E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024101E3 VISHAY-MAL203024101E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024479E3 VISHAY-MAL203024479E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
More results

Similar Description - MAL203861222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com