Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL0603R0100FBA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL0603R0100FBA
Description  Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL0603R0100FBA Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL0603R0100FBA Datasheet HTML 1Page - Vishay Siliconix WSL0603R0100FBA Datasheet HTML 2Page - Vishay Siliconix WSL0603R0100FBA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30100
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 10-Nov-08
7
WSL
Power Metal Strip® Resistors,
Low Value (down to 0.001
Ω), Surface Mount
Vishay Dale
DIMENSIONS
Note
• Embossed carrier tape per EIA-481-1A
L
I
T
W
H
b
a
70
Derating
120
100
80
60
40
20
0
- 65 - 50
- 25
0
25
50
75
100
125
150
170
Ambient Temperature in °C
MODEL
DIMENSIONS in inches [millimeters]
RESISTANCE
RANGE
Ω
LW
H
T
WSL0603
0.015 - 0.1
0.060 ± 0.010
[1.52 ± 0.254]
0.030 ± 0.010
[0.76 ± 0.254]
0.013 ± 0.005
[0.330 ± 0.127]
0.015 ± 0.010
[0.381 ± 0.254]
WSL0805
0.01 - 0.2
0.080 ± 0.010
[2.03 ± 0.254]
0.050 ± 0.010
[1.27 ± 0.254]
0.013 ± 0.005
[0.330 ± 0.127]
0.015 ± 0.010
[0.381 ± 0.254]
WSL1206
0.002 - 0.2
0.126 ± 0.010
[3.20 ± 0.254]
0.063 ± 0.010
[1.60 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.020 ± 0.010
[0.508 ± 0.254]
WSL2010
0.001 - 0.0069
0.200 ± 0.010
[5.08 ± 0.254]
0.100 ± 0.010
[2.54 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.058 ± 0.010
[1.47 ± 0.254]
0.007 - 0.5
0.200 ± 0.010
[5.08 ± 0.254]
0.100 ± 0.010
[2.54 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.020 ± 0.010
[0.508 ± 0.254]
WSL2512
0.001 - 0.0049
0.250 ± 0.010
[6.35 ± 0.254]
0.125 ± 0.010
[3.18 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.087 ± 0.010
[2.21 ± 0.254]
0.005 - 0.0069
0.250 ± 0.010
[6.35 ± 0.254]
0.125 ± 0.010
[3.18 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.047 ± 0.010
[1.19 ± 0.254]
0.007 - 0.5
0.250 ± 0.010
[6.35 ± 0.254]
0.125 ± 0.010
[3.18 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.030 ± 0.010
[0.762 ± 0.254]
WSL2816
0.01 - 0.1
0.280 ± 0.010
[7.1 ± 0.254]
0.165 ± 0.010
[4.2 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.062 ± 0.010
[1.57 ± 0.254]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
RESISTANCE
RANGE
Ω
ab
l
WSL0603
0.015 - 0.1
0.040 [1.01]
0.040 [1.01]
0.020 [0.50]
WSL0805
0.01 - 0.2
0.040 [1.02]
0.050 [1.27]
0.020 [0.50]
WSL1206
0.002 - 0.2
0.050 [1.27]
0.070[1.78]
0.055 [1.40]
WSL2010
0.001 - 0.0069
0.093 [2.36]
0.120 [3.05]
0.055 [1.40]
0.007 - 0.5
0.055 [1.40]
0.120 [3.05]
0.130 [3.30]
WSL2512
0.001 - 0.0049
0.120 [3.05]
0.145 [3.68]
0.050 [1.27]
0.005 - 0.0069
0.083 [2.11]
0.145 [3.68]
0.125 [3.18]
0.007 - 0.5
0.065 [1.65]
0.145 [3.68]
0.160 [4.06]
WSL2816
0.01 - 0.1
0.130 [3.3]
0.190 [4.8]
0.040 [1.00]
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
Ω) ΔR
Short Time Overload
5 x rated power for 5 s
± (0.5 % + 0.0005
Ω) ΔR
Low Temperature Operation
- 65 °C for 24 h
± (0.5 % + 0.0005
Ω) ΔR
High Temperature Exposure
1000 h at + 170 °C
± (1.0 % + 0.0005
Ω) ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 h
± (0.5 % + 0.0005
Ω) ΔR
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω) ΔR
Vibration
Frequency varied 10 to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
Ω) ΔR
Load Life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω) ΔR
Resistance to Solder Heat
+ 260 °C Solder, 10 to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω) ΔR
Moisture Resistance
MIL-STD-202, Method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.0005
Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL0603
8 mm/Punched Paper
178 mm/7"
5000
EA
WSL0805
8 mm/Punched Paper
178 mm/7"
5000
EA
WSL1206
8 mm/Embossed Plastic
178 mm/7"
4000
EA
WSL2010
12 mm/Embossed Plastic
178 mm/7"
4000
EA
WSL2512
12 mm/Embossed Plastic
178 mm/7"
2000
EA
WSL2816
16 mm/Embossed Plastic
330 mm/13"
5000
EA


Similar Part No. - WSL0603R0100FBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL0603R0100FBA VISHAY-WSL0603R0100FBA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL0603R0100FBA18 VISHAY-WSL0603R0100FBA18 Datasheet
120Kb / 3P
   Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL0603R0100FBA18 VISHAY-WSL0603R0100FBA18 Datasheet
148Kb / 4P
   Power Metal Strip짰 Resistors, High Power (2 x Standard WSL),
More results

Similar Description - WSL0603R0100FBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL3637 VISHAY-WSL3637_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com