Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL202128151E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL202128151E3
Description  Aluminum Capacitors Axial Standard Miniature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL202128151E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL202128151E3 Datasheet HTML 1Page - Vishay Siliconix MAL202128151E3 Datasheet HTML 2Page - Vishay Siliconix MAL202128151E3 Datasheet HTML 3Page - Vishay Siliconix MAL202128151E3 Datasheet HTML 4Page - Vishay Siliconix MAL202128151E3 Datasheet HTML 5Page - Vishay Siliconix MAL202128151E3 Datasheet HTML 6Page - Vishay Siliconix MAL202128151E3 Datasheet HTML 7Page - Vishay Siliconix MAL202128151E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 28325
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 08-Apr-08
175
021 ASM
Aluminum Capacitors
Axial Standard Miniature
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 3 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 021 series
1000 µF/16 V; ± 20 %
Nominal case size: Ø 10 x 25 mm; Form BA
Ordering code: MAL202190518E3
Former 12 NC: 2222 021 90518
Table 3
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 85
°C
IL5
max. leakage current after 5 min at UR
tan
δ
max. dissipation factor at 100 Hz
ESR
equivalent series resistance at 100 Hz
(calculated from tan
δ
max. and CR)
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85
°C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
ORDERING CODE MAL2021 .......
IN BOX
FORM
AA
TAPED
ON REEL
FORM
BR
TAPED
IN BOX
FORM
BA
MOUNTING
RING
FORM
MR
6.3
470
8 x 11
260
10
0.25
0.85
0.64
-
23471E3
33471E3
-
1000
8 x 18
440
17
0.25
0.4
0.5
-
23102E3
33102E3
-
2200
10 x 25
710
32
0.29
0.21
0.16
-
90588E3
90589E3
-
10
100
4.5 x 10
100
6
0.20
3.2
2.0
-
24101E3
34101E3
-
220
6 x 10
160
8.4
0.20
1.5
0.91
-
24221E3
34221E3
-
330
8 x 11
230
11
0.20
1.0
0.61
-
24331E3
34331E3
-
470
6.5 x 18
310
13
0.20
0.68
0.43
-
24471E3
34471E3
-
680
8 x 18
400
18
0.20
0.47
0.29
-
24681E3
34681E3
-
1000
10 x 18
550
24
0.20
0.32
0.20
-
24102E3
34102E3
-
1500
10 x 25
690
34
0.23
0.25
0.18
-
90524E3
90525E3
-
1500
10 x 30
740
34
0.23
0.245
0.18
14152E3
24152E3
-
-
2200
12.5 x 30
980
48
0.25
0.177
0.095
14222E3
24222E3
-
-
3300
12.5 x 30
1090
70
0.27
0.128
0.095
14332E3
24332E3
-
-
4700
15 x 30
1320
98
0.29
0.100
0.07
14472E3
24472E3
-
44472E3
6800
18 x 30
1590
140
0.34
0.079
0.065
14682E3
-
-
44682E3
10 000
18 x 38
2090
204
0.40
0.064
0.04
14103E3
-
-
44103E3
15 000
21 x 38
2250
304
0.50
0.054
0.035
14153E3
-
-
44153E3
16
68
4.5 x 10
90
6.2
0.16
3.8
2.4
-
25689E3
35689E3
-
150
6 x 10
140
8.8
0.16
1.7
1.1
-
25151E3
35151E3
-
220
8 x 11
210
11
0.16
1.2
0.73
-
25221E3
35221E3
-
330
6.5 x 18
290
15
0.16
0.77
0.48
-
25331E3
35331E3
-
470
8 x 18
380
19
0.16
0.55
0.34
-
25471E3
35471E3
-
680
10 x 18
500
26
0.16
0.38
0.24
-
25681E3
35681E3
-
1000
10 x 25
660
36
0.16
0.26
0.18
-
90517E3
90518E3
-
1000
10 x 30
700
36
0.16
0.260
0.175
15102E3
25102E3
-
-
1500
12.5 x 30
950
52
0.19
0.205
0.095
15152E3
25152E3
-
-
2200
12.5 x 30
1040
74
0.21
0.150
0.095
15222E3
25222E3
-
-
3300
15 x 30
1290
110
0.23
0.111
0.07
15332E3
25332E3
-
45332E3
4700
18 x 30
1560
154
0.25
0.087
0.065
15472E3
-
-
45472E3
6800
18 x 38
2040
222
0.30
0.070
0.04
15682E3
-
-
45682E3
10 000
21 x 38
2170
324
0.36
0.058
0.035
15103E3
-
-
45103E3
25
47
4.5 x 10
80
6.4
0.14
4.8
2.6
-
26479E3
36479E3
-
100
6 x 10
150
9
0.14
2.3
1.2
-
26101E3
36101E3
-
150
8 x 11
190
12
0.14
1.5
0.80
-
90534E3
90535E3
-
150
6.5 x 18
210
12
0.14
1.5
0.80
-
26151E3
36151E3
-
220
6.5 x 18
250
15
0.14
1.0
0.55
-
26221E3
36221E3
-
330
8 x 18
340
21
0.14
0.68
0.36
-
26331E3
36331E3
-
470
10 x 18
450
28
0.14
0.48
0.26
-
26471E3
36471E3
-
680
10 x 25
560
38
0.14
0.33
0.18
-
90527E3
90528E3
-
680
10 x 30
640
38
0.14
0.323
0.175
16681E3
26681E3
-
-
1000
12.5 x 30
840
54
0.14
0.220
0.095
16102E3
26102E3
-
-
1500
12.5 x 30
950
79
0.17
0.179
0.095
16152E3
26152E3
-
-


Similar Part No. - MAL202128151E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL202128151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com