Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43CTQ100SPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 43CTQ100SPBF
Description  Schottky Rectifier, 2 x 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

43CTQ100SPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  43CTQ100SPBF Datasheet HTML 1Page - Vishay Siliconix 43CTQ100SPBF Datasheet HTML 2Page - Vishay Siliconix 43CTQ100SPBF Datasheet HTML 3Page - Vishay Siliconix 43CTQ100SPBF Datasheet HTML 4Page - Vishay Siliconix 43CTQ100SPBF Datasheet HTML 5Page - Vishay Siliconix 43CTQ100SPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94224
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 29-Jul-08
5
43CTQ...SPbF/43CTQ...-1PbF
Schottky Rectifier, 2 x 20 A Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (40 A)
2
-
Circuit configuration:
C = Common cathode
3
-
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
6
-
S = D2PAK
-1 = TO-262
7
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
8
-
None = Standard production
PbF = Lead (Pb)-free
080 = 80 V
100 = 100 V
Device code
5
13
24
67
8
43
C
T
Q
100
S
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - 43CTQ100SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTQ100SPBF VISHAY-43CTQ100SPBF Datasheet
171Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
logo
International Rectifier
43CTQ100SPBF IRF-43CTQ100SPBF Datasheet
712Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 43CTQ100SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com