Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43CTQ100-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 43CTQ100-1
Description  Schottky Rectifier, 2 x 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

43CTQ100-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  43CTQ100-1 Datasheet HTML 1Page - Vishay Siliconix 43CTQ100-1 Datasheet HTML 2Page - Vishay Siliconix 43CTQ100-1 Datasheet HTML 3Page - Vishay Siliconix 43CTQ100-1 Datasheet HTML 4Page - Vishay Siliconix 43CTQ100-1 Datasheet HTML 5Page - Vishay Siliconix 43CTQ100-1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93346
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Aug-08
1
Schottky Rectifier, 2 x 20 A
43CTQ...S/43CTQ...-1
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap configuration
• Low forward voltage drop
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for Q101 level
DESCRIPTION
This center tap Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, freewheeling diodes, and reverse battery
protection.
PRODUCT SUMMARY
IF(AV)
2 x 20 A
VR
80/100 V
43CTQ...S
Base
common
cathode
D2PAK
TO-262
43CTQ...-1
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
40
A
VRRM
80/100
V
IFSM
tp = 5 µs sine
850
A
VF
20 Apk, TJ = 125 °C (per leg)
0.67
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
43CTQ080S
43CTQ080-1
43CTQ100S
43CTQ100-1
UNITS
Maximum DC reverse voltage
VR
80
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 135 °C, rectangular waveform
20
A
per device
40
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
850
10 ms sine or 6 ms rect. pulse
275
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 0.50 A, L = 60 mH
7.50
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.50
A


Similar Part No. - 43CTQ100-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
43CTQ100-1 IRF-43CTQ100-1 Datasheet
170Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
43CTQ100-1 SMC-43CTQ100-1 Datasheet
227Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
43CTQ100-1PBF VISHAY-43CTQ100-1PBF Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 29-Jul-08
43CTQ100-1PBF VISHAY-43CTQ100-1PBF Datasheet
171Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
logo
International Rectifier
43CTQ100-1PBF IRF-43CTQ100-1PBF Datasheet
712Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 43CTQ100-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com