Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42HFR10M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 42HFR10M
Description  Standard Recovery Diodes, (Stud Version), 40 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

42HFR10M Datasheet(HTML) 4 Page - Vishay Siliconix

  42HFR10M Datasheet HTML 1Page - Vishay Siliconix 42HFR10M Datasheet HTML 2Page - Vishay Siliconix 42HFR10M Datasheet HTML 3Page - Vishay Siliconix 42HFR10M Datasheet HTML 4Page - Vishay Siliconix 42HFR10M Datasheet HTML 5Page - Vishay Siliconix 42HFR10M Datasheet HTML 6Page - Vishay Siliconix 42HFR10M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93513
4
Revision: 23-Jun-08
40HF(R) Series
Vishay High Power Products Standard Recovery Diodes,
(Stud Version), 40 A
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
40
80
120
160
200
10 K/W
3 K/W
5 K/W
7 K/W
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
40HF(R) Series
(100V to 1200V)
Tj = 190°C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
40
80
120
160
200
10 K/W
3 K/W
5 K/W
7 K/W
0
10
20
30
40
50
60
0
10203040506070
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
40HF(R) Series
(100V to 1200V)
Tj = 190°C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
25
50
75 100 125 150 175 200
3 K/W
5 K/W
10 K/W
7 K/W
0
5
10
15
20
25
30
35
40
45
50
0
10203040
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
40HF(R) Series
(1400V, 1600V)
Tj = 160°C


Similar Part No. - 42HFR10M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
42HFR100 IRF-42HFR100 Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
42HFR1000 IRF-42HFR1000 Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
42HFR1000M IRF-42HFR1000M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
42HFR100M IRF-42HFR100M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
More results

Similar Description - 42HFR10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
40HFR160M VISHAY-40HFR160M Datasheet
140Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 25-May-09
VS-40HFR VISHAY-VS-40HFR_V01 Datasheet
169Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com