Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40TPS12A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 40TPS12A
Description  Phase Control SCR, 35 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40TPS12A Datasheet(HTML) 6 Page - Vishay Siliconix

  40TPS12A Datasheet HTML 1Page - Vishay Siliconix 40TPS12A Datasheet HTML 2Page - Vishay Siliconix 40TPS12A Datasheet HTML 3Page - Vishay Siliconix 40TPS12A Datasheet HTML 4Page - Vishay Siliconix 40TPS12A Datasheet HTML 5Page - Vishay Siliconix 40TPS12A Datasheet HTML 6Page - Vishay Siliconix 40TPS12A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93708
6
Revision: 12-Sep-08
40TPS...A/40TPS... High Voltage Series
Vishay High Power Products Phase Control SCR, 35 A
ORDERING INFORMATION TABLE
1
-
Current rating (40 = 40 A)
2
-
Circuit configuration:
3
-
Package:
4
T = Thyristor
-
Type of silicon:
5
-
Voltage ratings
P = TO-247
S = Standard recovery rectifier
7
-
None = Standard production
PbF = Lead (Pb)-free
08 = 800 V
12 = 1200 V
6
-
Device code
5
13
24
67
40
T
P
S
12
A
-
A = Low Igt selection 40 mA maximum
None = Standard Igt selection
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95223
Part marking information
http://www.vishay.com/doc?95226


Similar Part No. - 40TPS12A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40TPS12A IRF-40TPS12A Datasheet
151Kb / 7P
   PHASE CONTROL SCR
logo
Inchange Semiconductor ...
40TPS12A ISC-40TPS12A Datasheet
171Kb / 1P
   isc Thyristors
More results

Similar Description - 40TPS12A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
   Phase Control SCR, 35 A
Revision: 06-Jun-08
40TPS16 VISHAY-40TPS16 Datasheet
140Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 06-Jun-08
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
   Phase Control SCR, 10 A
Revision: 26-May-08
16TTS VISHAY-16TTS Datasheet
125Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
30TPS08PBF VISHAY-30TPS08PBF Datasheet
179Kb / 8P
   Phase Control SCR, 20 A
Revision: 06-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com