Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL202135331E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL202135331E3
Description  Aluminum Capacitors Axial Standard Miniature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL202135331E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL202135331E3 Datasheet HTML 1Page - Vishay Siliconix MAL202135331E3 Datasheet HTML 2Page - Vishay Siliconix MAL202135331E3 Datasheet HTML 3Page - Vishay Siliconix MAL202135331E3 Datasheet HTML 4Page - Vishay Siliconix MAL202135331E3 Datasheet HTML 5Page - Vishay Siliconix MAL202135331E3 Datasheet HTML 6Page - Vishay Siliconix MAL202135331E3 Datasheet HTML 7Page - Vishay Siliconix MAL202135331E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
021 ASM
Vishay BCcomponents
Aluminum Capacitors
Axial Standard Miniature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28325
176
Revision: 08-Apr-08
25
2200
15 x 30
1180
114
0.19
0.132
0.07
16222E3
26222E3
-
46222E3
3300
18 x 30
1470
169
0.21
0.099
0.065
16332E3
-
-
46332E3
4700
18 x 38
1920
239
0.23
0.079
0.04
90062E3
-
-
46472E3
6800
21 x 38
2070
344
0.28
0.064
0.035
16682E3
-
-
46682E3
40
22
4.5 x 10
60
5.8
0.11
8.0
3.2
-
27229E3
37229E3
-
47
6 x 10
110
7.8
0.11
3.8
1.5
-
27479E3
37479E3
-
100
8 x 11
170
12
0.11
1.8
0.70
-
90537E3
90538E3
-
100
6.5 x 18
190
12
0.11
1.8
0.70
-
27101E3
37101E3
-
150
8 x 18
250
16
0.11
1.1
0.47
-
27151E3
37151E3
-
220
10 x 18
330
22
0.11
0.8
0.32
-
27221E3
37221E3
-
330
10 x 25
430
30
0.11
0.53
0.21
-
27331E3
37331E3
-
470
10 x 25
520
42
0.11
0.37
0.18
-
90514E3
90515E3
-
470
10 x 30
590
42
0.12
0.404
0.175
17471E3
27471E3
-
-
680
12.5 x 30
800
58
0.12
0.297
0.110
17681E3
27681E3
-
-
1000
12.5 x 30
900
84
0.12
0.190
0.110
17102E3
90064E3
-
-
1500
15 x 30
1120
124
0.15
0.159
0.07
17152E3
27152E3
-
47152E3
2200
18 x 30
1390
180
0.17
0.118
0.065
17222E3
-
-
47222E3
3300
18 x 38
1810
268
0.19
0.090
0.04
17332E3
-
-
47332E3
4700
21 x 38
1940
380
0.21
0.072
0.035
17472E3
-
-
47472E3
63
0.47
4.5 x 10
8
4.1
0.09
310
120
-
28477E3
38477E3
-
1
4.5 x 10
12
4.1
0.09
150
55
-
28108E3
38108E3
-
2.2
4.5 x 10
21
4.3
0.09
65
25
-
28228E3
38228E3
-
3.3
4.5 x 10
25
4.4
0.09
44
17
-
28338E3
38338E3
-
4.7
4.5 x 10
31
4.6
0.09
31
12
-
28478E3
38478E3
-
10
4.5 x 10
50
5.3
0.08
13
5.5
-
28109E3
38109E3
-
15
4.5 x 10
55
5.9
0.08
8.5
3.7
-
28159E3
38159E3
-
22
6 x 10
90
6.8
0.08
5.8
2.5
-
28229E3
38229E3
-
33
6 x 10
100
8.2
0.08
3.9
1.7
-
28339E3
38339E3
-
47
8 x 11
140
10
0.08
2.7
1.2
-
90541E3
90542E3
-
47
6.5 x 18
150
10
0.08
2.7
1.2
-
28479E3
38479E3
-
68
8 x 11
160
13
0.08
1.9
0.81
-
90544E3
90545E3
-
68
6.5 x 18
170
13
0.08
1.9
0.81
-
28689E3
38689E3
-
100
8 x 18
250
17
0.08
1.3
0.55
-
28101E3
38101E3
-
150
10 x 18
320
23
0.08
0.85
0.37
-
28151E3
38151E3
-
220
10 x 25
430
32
0.08
0.60
0.25
-
90511E3
90512E3
-
220
10 x 30
480
32
0.08
0.614
0.26
18221E3
28221E3
-
-
330
12.5 x 30
610
46
0.08
0.409
0.19
18331E3
28331E3
-
-
470
12.5 x 30
700
63
0.08
0.287
0.13
18471E3
28471E3
-
-
680
15 x 30
890
90
0.08
0.199
0.095
18681E3
28681E3
-
48681E3
1000
18 x 30
1170
130
0.08
0.135
0.075
18102E3
-
-
48102E3
1500
18 x 38
1530
193
0.11
0.122
0.045
18152E3
-
-
48152E3
2200
21 x 38
1780
281
0.13
0.099
0.040
18222E3
-
-
48222E3
100
1
4.5 x 10
14
4.2
0.08
130
90
-
29108E3
39108E3
-
2.2
4.5 x 10
20
4.4
0.08
58
41
-
29228E3
39228E3
-
4.7
4.5 x 10
30
4.9
0.08
27
19
-
29478E3
39478E3
-
10
6 x 10
65
6
0.08
13
9
-
29109E3
39109E3
-
15
8 x 11
77
7
0.08
8.5
6
-
90547E3
90548E3
-
15
6.5 x 18
85
7
0.08
8.5
6
-
29159E3
39159E3
-
22
8 x 11
95
8.4
0.08
5.8
4.1
-
90551E3
90552E3
-
22
6.5 x 18
100
8.4
0.08
5.8
4.1
-
29229E3
39229E3
-
33
6.5 x 18
120
10.6
0.08
3.9
2.7
-
29339E3
39339E3
-
47
8 x 18
160
13.4
0.08
2.7
1.9
-
29479E3
39479E3
-
68
10 x 18
220
17.6
0.08
1.9
1.3
-
29689E3
39689E3
-
100
10 x 25
300
24
0.08
1.3
0.9
-
90531E3
90532E3
-
100
10 x 30
340
24
0.07
1.150
1.0
19101E3
29101E3
-
-
150
12.5 x 30
490
34
0.07
0.645
0.61
19151E3
29151E3
-
-
220
12.5 x 30
560
48
0.08
0.610
0.56
19221E3
29221E3
-
-
330
15 x 30
740
70
0.09
0.420
0.40
19331E3
29331E3
-
49331E3
470
18 x 30
980
98
0.09
0.310
0.29
19471E3
-
-
49471E3
680
18 x 38
1260
140
0.09
0.195
0.18
19681E3
-
-
49681E3
1000
21 x 38
1470
204
0.10
0.160
0.15
19102E3
-
-
49102E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85
°C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
ORDERING CODE MAL2021 .......
IN BOX
FORM
AA
TAPED
ON REEL
FORM
BR
TAPED
IN BOX
FORM
BA
MOUNTING
RING
FORM
MR


Similar Part No. - MAL202135331E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL202135331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com