Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4235G2-A-20MI Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD4235G2-A-20MI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-A-20MI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD4235G2-A-20MI Datasheet HTML 5Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 6Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 7Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 8Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 9Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 10Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 11Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 12Page - STMicroelectronics PSD4235G2-A-20MI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
9/89
PSD4235G2
Page Register
The 8-bit Page Register expands the address
range of the MCU by up to 256 times. The paged
address can be used as part of the address space
to access external memory and peripherals, or in-
ternal memory and I/O. The Page Register can
also be used to change the address mapping of
the Flash memory blocks into different memory
spaces for IAP.
Power Management Unit (PMU)
The Power Management Unit (PMU) gives the
user control of the power consumption on selected
functional blocks based on system requirements.
The PMU includes an Automatic Power-down
(APD) Unit that turns off device functions during
MCU inactivity. The APD Unit has a Power-down
mode that helps reduce power consumption.
The PSD also has some bits that are configured at
run-time by the MCU to reduce power consump-
tion of the CPLD. The Turbo bit in PMMR0 can be
reset to 0 and the CPLD latches its outputs and
goes to Stand-by mode until the next transition on
its inputs.
Additionally, bits in PMMR2 can be set by the
MCU to block signals from entering the CPLD to
reduce power consumption. See the section enti-
tled “Power Management” on page 59 for more de-
tails.
Table 4. Methods of Programming Different Functional Blocks of the PSD
Functional Block
JTAG-ISP
Device Programmer
IAP
Primary Flash Memory
Yes
Yes
Yes
Secondary Flash memory
Yes
Yes
Yes
PLD Array (DPLD and CPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No


Similar Part No. - PSD4235G2-A-20MI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235G2-A-20MI STMICROELECTRONICS-PSD4235G2-A-20MI Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
More results

Similar Description - PSD4235G2-A-20MI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4135G2 STMICROELECTRONICS-PSD4135G2 Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com