Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTC2061E6 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXTC2061E6
Description  12V, SOT23-6, complementary medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTC2061E6 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXTC2061E6 Datasheet HTML 1Page - Zetex Semiconductors ZXTC2061E6 Datasheet HTML 2Page - Zetex Semiconductors ZXTC2061E6 Datasheet HTML 3Page - Zetex Semiconductors ZXTC2061E6 Datasheet HTML 4Page - Zetex Semiconductors ZXTC2061E6 Datasheet HTML 5Page - Zetex Semiconductors ZXTC2061E6 Datasheet HTML 6Page - Zetex Semiconductors ZXTC2061E6 Datasheet HTML 7Page - Zetex Semiconductors ZXTC2061E6 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXTC2061E6
Issue 2 - October 2008
3
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Thermal characteristics


Similar Part No. - ZXTC2061E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTC2061E6 ZETEX-ZXTC2061E6 Datasheet
733Kb / 8P
   12V, SOT23-6, complementary medium power transistors
logo
Diodes Incorporated
ZXTC2061E6 DIODES-ZXTC2061E6 Datasheet
744Kb / 8P
   12V, SOT23-6, complementary medium power transistors
logo
Zetex Semiconductors
ZXTC2061E6TA ZETEX-ZXTC2061E6TA Datasheet
733Kb / 8P
   12V, SOT23-6, complementary medium power transistors
logo
Diodes Incorporated
ZXTC2061E6TA DIODES-ZXTC2061E6TA Datasheet
744Kb / 8P
   12V, SOT23-6, complementary medium power transistors
ZXTC2061E6TA DIODES-ZXTC2061E6TA Datasheet
414Kb / 8P
   12V COMPLEMENTARY MEDIUM POWER TRANSISTOR
More results

Similar Description - ZXTC2061E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC2061E6 DIODES-ZXTC2061E6 Datasheet
744Kb / 8P
   12V, SOT23-6, complementary medium power transistors
logo
Zetex Semiconductors
ZXTC2061E6 ZETEX-ZXTC2061E6 Datasheet
733Kb / 8P
   12V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6 Datasheet
601Kb / 8P
   40V, SOT23-6, complementary medium power transistors
ZXTC2063E6 ZETEX-ZXTC2063E6_08 Datasheet
520Kb / 8P
   40V, SOT23-6, complementary medium power transistors
ZXTC2062E6 ZETEX-ZXTC2062E6 Datasheet
494Kb / 8P
   20V, SOT23-6, complementary medium power transistors
logo
Diodes Incorporated
ZXTC2062E6 DIODES-ZXTC2062E6 Datasheet
505Kb / 8P
   20V, SOT23-6, complementary medium power transistors
ZXTC2063E6 DIODES-ZXTC2063E6 Datasheet
613Kb / 8P
   40V, SOT23-6, complementary medium power transistors
logo
Zetex Semiconductors
ZXTC2062E6 ZETEX-ZXTC2062E6_08 Datasheet
352Kb / 8P
   20V, SOT23-6, complementary medium power transistors
logo
Diodes Incorporated
ZXTC2061E6 DIODES-ZXTC2061E6_16 Datasheet
414Kb / 8P
   12V COMPLEMENTARY MEDIUM POWER TRANSISTOR
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
   12V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com