Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36DY332F075AA2A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 36DY332F075AA2A
Description  Aluminum Capacitors 85 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY332F075AA2A Datasheet(HTML) 1 Page - Vishay Siliconix

  36DY332F075AA2A Datasheet HTML 1Page - Vishay Siliconix 36DY332F075AA2A Datasheet HTML 2Page - Vishay Siliconix 36DY332F075AA2A Datasheet HTML 3Page - Vishay Siliconix 36DY332F075AA2A Datasheet HTML 4Page - Vishay Siliconix 36DY332F075AA2A Datasheet HTML 5Page - Vishay Siliconix 36DY332F075AA2A Datasheet HTML 6Page - Vishay Siliconix 36DY332F075AA2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 42065
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 29-Aug-08
237
Aluminum Capacitors
+ 85 °C, Large Can
36DY
Vishay Sprague
FEATURES
• The industry standard for large can aluminum
capacitors
• Ideal for high wattage power supplies and
energy storage applications
• Capacitance values to 2.2 F
• Largest CV available
• Highest voltage available
Fig. 1 Component Outlines
Available
Pb-free
RoHS*
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in inches (mm)
1.375 x 1.625 (35.0 x 41.3)
to 3.00 x 8.675 (76.2 x 220.3)
Operating temperature
- 40 °C to + 85 °C
Rated capacitance
range, CR
100 µF to 2.2 µF
Tolerance on CR
- 10 % to 50 %
Rated voltage range,
UR
6.3 WVDC to 450 WVDC
Termination
Screw thread
Life validation test
at 85 °C
2000 h:
ΔCAP ≤ 15 %
from initial measurement
ΔESR ≤ 1.5 x initial specified limit
ΔDCL ≤ initial specified limit
Shelf life at 85 °C
500 h:
ΔCAP ≤ 15 % from initial
measurement.
ΔESR ≤ 1.2 x initial
specified limit.
ΔDCL ≤ 2 x initial
specified limit
DC leakage current
I = K
K = 4.0 at + 25 °C; 32.0 at + 85 °C
I in µA, C in µF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 85 °C
1.0
+ 75 °C
1.4
+ 65 °C
1.7
+ 55 °C and below
2.0
FREQUENCY (Hz)
RATED WVDC
120
400
1000 AND UP
0 to 50
1.0
1.05
1.10
51 to 100
1.0
1.10
1.15
150 to 300
1.0
1.15
1.25
301 to 450
1.0
1.20
1.30
DIMENSIONS in inches (millimeters)
LARGE CAN CAPACITORS
CASE
CODE
NOMINAL
WITH INSULATING SLEEVE
TERMINAL SPACING
M ± 0.016 (0.4)
TYPICAL
WEIGHT
(
g)
D
± 0.032 (0.8)
L
± 0.063 (1.6)
D
(Max.)
L
(Max.)
P TERMINAL
H (Max.)
AN
1.375 (35.0)
1.625 (41.0)
1.453 (36.9)
1.750 (44.5)
1.849 (47.0)
0.500 (12.7)
43.0
AY
1.375 (35.0)
1.875 (48.0)
1.453 (36.9)
2.000 (50.8)
1.099 (53.3)
0.500 (12.7)
54.0
AA
1.375 (35.0)
2.125 (54.0)
1.453 (36.9)
2.250 (57.2)
1.349 (59.7)
0.500 (12.7)
63.0
AM
1.375 (35.0)
2.625 (67.0)
1.453 (36.9)
2.750 (69.9)
1.849 (72.4)
0.500 (12.7)
82.0
AB
1.375 (35.0)
3.125 (79.0)
1.453 (36.9)
3.250 (82.6)
1.349 (85.1)
0.500 (12.7)
105.0
AL
1.375 (35.0)
3.625 (92.0)
1.453 (36.9)
3.750 (95.3)
1.849 (97.8)
0.500 (12.7)
122.0
AC
1.375 (35.0)
4.125 (105.0)
1.453 (36.9)
4.250 (108.0)
1.349 (110.5)
0.500 (12.7)
129.0
AD
1.375 (35.0)
4.625 (117.0)
1.453 (36.9)
4.750 (120.7)
1.849 (123.2)
0.500 (12.7)
162.0
AE
1.375 (35.0)
5.125 (130.0)
1.453 (36.9)
5.250 (133.4)
1.349 (125.9)
0.500 (12.7)
179.0
Note
• To ensure delivery of lead (Pb)-free RoHS compliant parts during the transition period please contact your Vishay Sales office
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 36DY332F075AA2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY332F075AA2A VISHAY-36DY332F075AA2A Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
More results

Similar Description - 36DY332F075AA2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com