Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40CTQ150S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40CTQ150S
Description  Schottky Rectifier, 2 x 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CTQ150S Datasheet(HTML) 1 Page - Vishay Siliconix

  40CTQ150S Datasheet HTML 1Page - Vishay Siliconix 40CTQ150S Datasheet HTML 2Page - Vishay Siliconix 40CTQ150S Datasheet HTML 3Page - Vishay Siliconix 40CTQ150S Datasheet HTML 4Page - Vishay Siliconix 40CTQ150S Datasheet HTML 5Page - Vishay Siliconix 40CTQ150S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93963
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Aug-08
1
Schottky Rectifier, 2 x 20 A
40CTQ150S/40CTQ150-1
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap TO-220 package
• Very low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for industrial level
DESCRIPTION
The 40CTQ... center tap Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 20 A
VR
150 V
40CTQ150S
Base
common
cathode
D2PAK
TO-262
40CTQ150-1
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
40
A
VRRM
150
V
IFSM
tp = 5 µs sine
1500
A
VF
20 Apk, TJ = 125 °C (per leg)
0.71
V
TJ
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
40CTQ150S
40CTQ150-1
UNITS
Maximum DC reverse voltage
VR
150
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 140 °C, rectangular waveform
20
A
per device
40
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1500
10 ms sine or 6 ms rect. pulse
250
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 1.5 A, L = 0.9 mH
1.0
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.5
A


Similar Part No. - 40CTQ150S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40CTQ150S IRF-40CTQ150S Datasheet
149Kb / 7P
   SCHOTTKY RECTIFIER
40CTQ150S IRF-40CTQ150S Datasheet
261Kb / 7P
   SCHOTTKY RECTIFIER
40CTQ150SPBF IRF-40CTQ150SPBF Datasheet
261Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
40CTQ150SPBF VISHAY-40CTQ150SPBF Datasheet
130Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CTQ150SPBF VISHAY-40CTQ150SPBF Datasheet
150Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 04-Jan-11
More results

Similar Description - 40CTQ150S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com